Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KFH2G16U2M-DIB6 Datasheet(PDF) 5 Page - Samsung semiconductor |
|
KFH2G16U2M-DIB6 Datasheet(HTML) 5 Page - Samsung semiconductor |
5 / 125 page OneNAND1G(KFG1G16Q2M-DEB5) FLASH MEMORY 5 OneNAND2G(KFH2G16Q2M-DEB5) OneNAND4G(KFW4G16Q2M-DEB5) Samsung offers a variety of Flash solutions including NAND Flash, OneNAND ™ and NOR Flash. Samsung offers Flash products both component and a variety of card formats including RS-MMC, MMC, CompactFlash, and SmartMedia. To determine which Samsung Flash product solution is best for your application, refer the product selector chart. Application Requires Samsung Flash Products NAND OneNAND NOR Fast Random Read • Fast Sequential Read •• Fast Write/Program •• Multi Block Erase • (Max 64 Blocks) • Erase Suspend/Resume •• Copyback • (EDC) • (ECC) Lock/Unlock/Lock-Tight •• ECC External (Hardware/Software) Internal X Scalability •• 1.3 Ordering Information K F x x x 1 6 Q 2 M - D E B 5 Samsung OneNAND Memory Device Type G : Single Chip H : Dual Chip W: Quad Chip Density 1G: 1Gb 2G: 2Gb 4G: 4Gb Operating Temperature Range E = Extended Temp. (-30 °C to 85 °C) Page Architecture 2 : 2KB Page Version 1st Generation Product Line desinator B : Include Bad Block D : Daisy Sample Operating Voltage Range Q : 1.8V(1.7 V to 1.95V) Package D : FBGA(Lead Free) Organization x16 Organization Speed 5 : 54MHz 6 : 66MHz 1.2 Flash Product Type Selector |
Número de pieza similar - KFH2G16U2M-DIB6 |
|
Descripción similar - KFH2G16U2M-DIB6 |