|
| NTE7050 |
|
||
|
NTE |
|
2 page
DC Electrical Characteristics: (VCC = 8.5V, TA = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Current Consumption (Without LED Driver) ITOT – 15 – mA Power Dissipation PD – 125 – mW Voltages on Pin15 V15–5 – 2.0 – V Voltages on Pin16, Pin12 V16–5, V12–5 – 3.5 – V DC Current Pin14 –I14 195 275 390 µA DC Current Pin2 –I2 195 275 390 µA Output Current Pin3 –I3 – – 20 mA Switch “VCO OFF” Voltage (Pin7) V7 – 2.2 – V Current (Pin7) I7 – – 50 µA AF Conditions: Input MUX signal is 1VP–P = 1kHz; VPILOT = 32mV (9%), oscillator adjusted to fOSC = 228kHz at VI = 0V, unless otherwise specified. (All figures are measured with a roll–off network of 50kHz (2dB down at 38kHz) at the input. AC Electrical Characteristics: (All parameters are measured in the circuit at nominal supply voltage(VCC = 8.5V) and TA = +25°C) Parameter Symbol Test Conditions Min Typ Max Unit Gain Input Amplifier AV – – 20 dB Input Impedance (External) ZI – 47 – k Ω Maximum Input Voltage VI – – TBD VP–P Gain Output Buffers AV – 10 – dB Maximum Output Voltage VO12, 16 THD ≤ 1% – – TBD V0 Output Impedance ZO Pin12, Pin16 – – 500 Ω Maximim Load Impedance ZL 5.0 – – k Ω Muting Level α muting – 90 – dB Source Selector α – 90 – dB Overall Performance Overall Gain (Mono) VOUT/VIN 10 11 12 dB AF Output Voltage (RMS) Mono V12 = V16 1.1 1.25 – V Total Harmonic Distortion THD VOUT = 1.2VRMS, Note 1 – – 0.5 % Output Voltage VOUT 12, 16 THD = 1% – – TBD V Output Channel Unbalance VOUT 12 VOUT 16 – 0.2 1.0 dB Channel Separation α L = 1, R = 0 26 40 – dB Signal–to–Noise Ratio S/N Bandwidth 20Hz to 16kHz – 76 – dB Bandwidth DINA – 82 – dB Note 1. Guaranteed for mono, mono +pilot, stereo. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1657 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex | 1 2 3 | NTE Electronics |
| NTE1779 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
| NTE989 | Integrated Circuit General Purpose Phase Lock Loop PLL | 1 2 3 4 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |