Nombre de pieza
         Descripción
NTE7060

 Integrated Circuit NTSC Single Chip Color TV Signal Processor ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 3 page
background image
VCC1 (9V)
VCC3 (5V)
VCC4 (5V)
VCC2 (6.1V)
Pin Connection Diagram
1.813 (46.05) Max
.600 (15.24)
.512 (13.0)
.070 (1.77)
.217
(5.5)
Max
.118
(3.0)
Min
1.750 (44.5)
126
52
27
SIF Coil
Vertical Sync Output
Sync Separator Input
R–Y Output
Audio Feedback
SIF Input/Volume Adjustment
Horizontal AFC Output
GND
Brightness Adjustment
On–Screen Input (G–Y)
ACC Detection Filter
Vertical Sync Input
B–Y Output
G–Y Output
1
2
3
4
GND
Vertical Output
X–Ray Protect
Horizontal Output
5
6
Horizontal Oscillation (VCO)
7
8
FBP Sawtooth Input
52
51
50
49
Sharpness
Pedestal Blank
Black Level Compensartion
48 Y Output
47
46
45
9
44
Tint Adjustment
10
Flyback Pulse Input
11
43
42
Color Saturation Adjustment
12
41
Contrast Adjustment/Service SW
13
Y Input
40
3.58MHz Oscillation
14
39
15
Chroma Input
38
VIF Input
AFC Output
AFC Tank Circuit
RF AGC Output
16
Horizontal AFC Lock Detect
17
VCO Coil Pin
18
VCO Coil Pin
19
20
APC Filter
37 GND
36 VIF Input
35
34
33
IF AGC Output/AV Switching
21
Video Detection Output
32
RF AGC Delay Adjustment
22
AFC Tank Circuit
23
31
30
SIF Coil
24
29
Audio Output
25
28
Audio Detection Output/External Audio Input
26
27
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE7010Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface 1 2 3 NTE Electronics
NTE1846Integrated Circuit NTSC System Single-Chip Color TV Signal Processor 1 2 NTE Electronics
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
NTE7058Integrated Circuit Single Chip TV NTSC System 1 2 3 4 NTE Electronics
NTE1416Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV 1 2 3 4 5 NTE Electronics
NTE844Integrated Circuit Single Chip TV Chroma/Luminance Processor 1 2 3 NTE Electronics
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
NTE1813Integrated Circuit Color Signal Processor for VCR 1 2 NTE Electronics
TA8690ANPAL/NTSC DUAL MODE COLOR TV SINGLE CHIP SIGNAL PROCESSING IC 1 2 3 4 5 MoreToshiba Semiconductor
NTE1408Integrated Circuit CMOS Color Signal Processor for VCR 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl