Nombre de pieza
         Descripción
NTE7060

 Integrated Circuit NTSC Single Chip Color TV Signal Processor ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIF Section
Video Detection Output
VO21
M = 87.5%, Vin = 80dBµ
1.75
2.0
2.25
VP–P
Video Frequency Characteristics
fC
–3dB Frequency for 1MHz Detection Output
4.0
5.5
MHz
VCO Oscillator Sensitivity
b
∆V20 = 0.2V (DC: About 2V)
3.0
4.3
6.5
kHz/mV
RF AGC Sensitivity
GRF
Difference in Input Level of V33 = 1V → 7V
1.5
3.0
dB
AFC Phase Detector Sensitivity
µAFC
RL = 100kΩ//100kΩ
25
40
55
mV/kHz
SIF Section
Audio Detection Output
VO27
fO = 4.5MHz, Vin = 100dBµ,
±
125
155
185
mVrms
Audio Output
VO28
∆f = ±25kHz, fm = 1kHz
410
530
650
mVrms
Video Signal Processing Section
Video Voltage Gain
AV
Input: f = 1MHz, 0.2VP–P,
Contrast VR: Max
7.6
9.3
12.2
Times
Video Frequency Characteristics
fYC
Picture Quality VR: Min.,
3dB Down from f = 1MHz
4.5
5.5
MHz
Brightness Oscillator Sensitivity
BR
Bright VR = 7.5V to 8V
–4.5
–3.6
–2.7
Times
Chroma Signal Processing Section
Color Difference Output (Typ.)
eO1B
B–Y Color Bar Signal
Color VR: 3.3V, Contrast VR: 5V
2.3
3.0
3.7
VP–P
Color Difference Output (Max.)
eO2B
B–Y Color Bar Signal
Color VR: 5V, Contrast VR: 5V
3.7
4.7
5.7
VP–P
ACC Characteristics
ACC
Burst 200
→ 400mVP–P
0.9
1.0
1.1
Times
Burst 200
→ 20mVP–P
0.5
0.7
1.0
Times
Demodulator Output Ratio
R/B
Color Bar Signal (Burst 200mVP–P)
0.72
0.96
1.2
Times
G/B
0.22
0.31
0.39
Times
Demodulator Angle R
∠ R
89
104
119
Deg.
Demodulator Angle G
∠ G
225
240
255
Deg.
Color Killer Tolerance
eK
Color Bar Signal Burst 200mVP–P = 0dB
–55
–42
–30
dB
Synchronous Signal Processing Section
Horizontal Natural Oscillation
Frequency
fHO
Output frequency of Pin4
15.45 15.75 16.05
kHz
Horizontal Pull–In Range
fPH
15.25
16.25
kHz
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE7010Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface 1 2 3 NTE Electronics
NTE1846Integrated Circuit NTSC System Single-Chip Color TV Signal Processor 1 2 NTE Electronics
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
NTE7058Integrated Circuit Single Chip TV NTSC System 1 2 3 4 NTE Electronics
NTE1416Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV 1 2 3 4 5 NTE Electronics
NTE844Integrated Circuit Single Chip TV Chroma/Luminance Processor 1 2 3 NTE Electronics
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics
NTE1813Integrated Circuit Color Signal Processor for VCR 1 2 NTE Electronics
TA8690ANPAL/NTSC DUAL MODE COLOR TV SINGLE CHIP SIGNAL PROCESSING IC 1 2 3 4 5 MoreToshiba Semiconductor
NTE1408Integrated Circuit CMOS Color Signal Processor for VCR 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl