Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3050LUS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SI-3050LUS
Descripción Electrónicos  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SI-3050LUS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SI-3050LUS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3050LUS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3050LUS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3050LUS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
qSI-3000LUS Series
sBlock Diagram
sStandard External Circuit
sReference Data
CO: Output capacitor (10
µF or larger)
The SI-3000LUS series can be operated on the circuit
even if a low ESR ceramic capacitor is used as the
output capacitor.
CIN:Input capacitor (0.1 to 10
µF)
This capacitor is required in the case of an inductive
input line or long wiring.
• A monolithic IC is mounted. The inner frame stage is con-
nected to the GND pin (pin 2). Therefore, enlarging the
copper laminate area leading to the GND pin achieves a
heat radiation effect.
• How to calculate the junction temperature
Measure the temperature (TC) of the GND pin (pin 2) lead
section using a thermistor, etc. Substitute this value in the
following formula and calculate the junction temperature.
Tj=PD
×θj–c+Tc (θj–c=5°C/W)
REF
TSD
+
VIN
VO
GND
13
2
13
2
+
VIN
VIN
VO
CIN
CO
GND
+
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10
100
1000
Copper Laminate Area (mm2)
Ta=25
°C
Ta=40
°C
Ta=60
°C
Ta=85
°C
Copper Laminate Area vs. Power Dissipation
Tj=100
°C PWB size 40 × 40


Número de pieza similar - SI-3050LUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3050LU SANKEN-SI-3050LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results

Descripción similar - SI-3050LUS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com