Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL66491-1 Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

No. de pieza SL66491-1
Descripción Electrónicos  200MHz DIRECT CONVERSION FSK DATA RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL66491-1 Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button SL66491-1 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 9Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 10Page - Zarlink Semiconductor Inc SL66491-1 Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SL6649-1
6
COMPONENTS LIST FOR FIGURE 6
Capacitors
Resistors
Inductors
Transformers
Miscellaneous
C1
1nF
C11 1nF
R1
2.2k
L1
10
µH
T1
1:1 Transformer
IC1 SL6649-1
C2
1nF
C12 1nF
R2
500k
Ω Variable
L2
220nH
Primary/Secondary
TR1 SOT-23 Transistor
C3
1nF
C13 10pF
R4
100
L3
150nH
Inductance=200nH
with f
τ ≥ 1.3GHz
C4
5.6pF
C14 1nF
R5
100
L4
100nH
(EG. ZETEX BFS 17)
C5
1nF
C15 10pF
R6
100
X1
153MHz 7th
C6
2.2
µF
C16 1nF
R7
100
overtone crystal
C7
1nF
C17 5.6pF
R8
100K
VC2 1.5-10pF
C8
1nF
C18 4.7pF
C9
2.2
µF
C19 1nF
C10 2.2
µF
C20 1nF
Figure 7: Pinning Diagram of the SL6649-1


Número de pieza similar - SL66491-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
More results

Descripción similar - SL66491-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com