Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2211AIDBR Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS2211AIDBR Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page TPS2211A SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS SLVS282A – SEPTEMBER 2000 – REVISED NOVEMBER 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SELECTION GUIDE VCC Vpp DEVICE 3.3-V TYPICAL rDS(on) ( Ω) 5-V TYPICAL rDS(on) ( Ω) RECOMMENDED MAXIMUM OUTPUT CURRENT (A) 3.3-V OR 5-V TYPICAL rDS(on) ( Ω) 12-V MAXIMUM rDS(on) ( Ω) RECOMMENDED MAXIMUM OUTPUT CURRENT (A) TPS2211AIDB 0.07 0.07 1 4 2 0.15 TPS2211APWP 0.07 0.07 1 4 2 0.15 TPS2211IDB 0.048 0.05 1 4 1 0.15 TPS2212IDB 0.16 0.16 0.25 4 1 0.15 typical PC-card power-distribution application AVCC AVCC AVCC AVPP VCCD0 VCCD1 VPPD0 VPPD1 OC SHDN GND 0.1 µF 0.1 µF VCC1 VCC2 Vpp1 Vpp2 PC Card Connector PCMCIA Controller VCC_EN0 VCC_EN1 VPP_EN0 VPP_EN1 CS To CPU TPS2211A 12 V 5 V 5 V 0.1 µF 5 V 3.3 V 3.3 V 0.1 µF 3.3 V Shutdown Signal From CPU 12 V + + 0.1 µF +† † † ‡ † Refer to power-supply considerations in application information for selection of appropiate capacitors on supply inputs. ‡ The diagram refers to the 16-pin DB package. It is recommended that the 3 AVCC pins be tied together externally to minimize power loss. For the 20-pin package, the 4 AVCC pins (13, 14, 15, and 16) must be tied together externally as close as possible to the device. |
Número de pieza similar - TPS2211AIDBR |
|
Descripción similar - TPS2211AIDBR |