Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUK7208-40B Datasheet(PDF) 2 Page - NXP Semiconductors |
|
BUK7208-40B Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 12 page Philips Semiconductors BUK7208-40B TrenchMOS™ standard level FET Product data Rev. 02 — 22 January 2004 2 of 12 9397 750 12228 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 3. Ordering information 4. Limiting values [1] Current is limited by power dissipation chip rating. [2] Continuous current is limited by package. Table 2: Ordering information Type number Package Name Description Version BUK7208-40B D-PAK Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads (one lead cropped). SOT428 Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage (DC) - 40 V VDGR drain-gate voltage (DC) RGS =20kΩ -40 V VGS gate-source voltage (DC) - ±20 V ID drain current (DC) Tmb =25 °C; VGS =10V; Figure 2 and 3 [1] - 105 A [2] -75 A Tmb = 100 °C; VGS =10V; Figure 2 [2] -75 A IDM peak drain current Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3 - 420 A Ptot total power dissipation Tmb =25 °C; Figure 1 - 167 W Tstg storage temperature −55 +185 °C Tj junction temperature −55 +185 °C Source-drain diode IDR reverse drain current (DC) Tmb =25 °C [1] - 105 A [2] -75 A IDRM peak reverse drain current Tmb =25 °C; pulsed; tp ≤ 10 µs - 420 A Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy unclamped inductive load; ID =75A; VDS ≤ 40 V; VGS =10V; RGS =50 Ω; starting Tj =25 °C - 242 mJ |
Número de pieza similar - BUK7208-40B |
|
Descripción similar - BUK7208-40B |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |