Nombre de pieza
         Descripción
NTE7096

 Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 3 page
background image
Parameter
Test Conditions
Min
Typ
Max
Unit
Under–Voltage Lockout Section
Start Threshold
NTE7096
14.5
16.0
17.5
V
NTE7097
7.8
8.4
9.0
V
Minimum Operating Voltage
NTE7096
After Turn On
8.5
10.0
11.5
V
NTE7097
7.0
7.9
8.2
V
Note 1. Adjust VCC above the start threshold before setting at 15V.
Note 2. These parameters, although guaranteed, are not 100% tested in production.
Note 3. Parameter measured at trip point of latch with VPIN2 = 0.
Note 4. Gain defined as:
A =
∆VPIN1
∆VPIN3
; 0
≤ VPIN3 ≤ 0.8V
VCC
VREF
RTCT
ISENSE
VFB
Pin Connection Diagram
1
2
3
4
COMP
8
7
6
5
OUTPUT
GND
14
.260 (6.6)
.390 (9.9)
Max
85
.155
(3.93)
.145 (3.68)
.300 (7.62)
.300 (7.62)
.100 (2.54)
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE7098Integrated Circuit Current Mode Pulse Width Modulator PWM Control Circuit 1 2 3 NTE Electronics
NTE1722Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1729Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1753Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1721Integrated Circuit Pulse Width Modulator PWM Regulator 1 2 3 4 NTE Electronics
NTE1720Integrated Circuit Pulse Width Modulator PWM Regulator 1 2 3 4 NTE Electronics
CS2842AOff-Line Current Mode PWM Control Circuit with Undervoltage Lockout 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3842BOff-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl