Nombre de pieza
         Descripción
NTE7096

 Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Elecrtrical Characteristics: (0
° ≤ TA ≤ +70°C, VCC = 15V, Rt = 680Ω, Ct = .022µF, Note 1 unless
otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Reference Section
Output Voltage
TJ = +25°C, IO = 1mA
4.9
5.0
5.1
V
Line Regulation
12V
≤ VIN ≤ 25V
6
20
mV
Load Regulation
1mA
≤ IO ≤ 20mA
6
25
mV
Temperature Stability
Note 2
0.2
0.4
mV/
°C
Total Output Variation
Line, Load, Temperature, Note 2
4.82
5.18
V
Output Noise Voltage
10Hz
≤ f ≤ 10kHz, TJ = +25°C, Note 2
50
µV
Long Term Stability
TA = +125°C, 1000Hrs., Note 2
5
25
mV
Output Short Circuit
TA = +25°C
–30
–100
–180
mA
Oscillator Section
Initial Accuracy
TJ = +25°C
47
52
57
kHz
Voltage Stability
12V
≤ VCC ≤ 25V
0.2
1.0
%
Temperature Stability
0
° ≤ TA ≤ +70°C, Note 2
5
%
Amplitude
VPIN4 peak to peak
1.7
V
Discharge Current
TJ = +25°C
7.8
8.3
8.8
mA
0
° ≤ TA ≤ +70°C
7.6
9.0
mA
Error Amp Section
Input Voltage
VPIN1 = 2.5V
2.42
2.50
2.58
V
Input Bias Current
–0.3
–2.0
µA
AVOL
2V
≤ VO ≤ 4V
65
90
dB
Unity Gain Bandwidth
Note 2
0.7
1.0
MHz
PSRR
12V
≤ VCC ≤ 25V
60
70
dB
Output Sink Current
VPIN2 = 2.7V, VPIN1 = 1.1V
2
6
mA
Output Source Current
VPIN2 = 2.3V, VPIN1 = 5V
–0.5
–0.8
mA
VOUT High
VPIN2 = 2.3V, RL = 15K to GND
5
6
V
VOUT Low
VPIN2 = 2.7V, RL = 15K to Pin8
0.7
1.1
V
Current Sense Section
Gain
Note 3, Note 4
2.85
3.00
3.15
V/V
Maximum Input Signal
VPIN1 = 5V, Note 3
0.9
1.0
1.1
V
PSRR
12V
≤ VCC ≤ 25V, Note 3
70
dB
Input Bias Current
–2
–10
µA
Delay to Output
TJ = +25°C, Note 2
150
300
ns
Output Section
Output Low Level
ISINK = 20mA
0.1
0.4
V
ISINK = 200mA
1.5
2.2
V
Output High Level
ISOURCE = 20mA
13.0
13.5
V
ISOURCE = 200mA
12.0
13.5
V
Rise Time
TJ = +25°C,CL = 1nF, Note 2
50
150
ns
Fall Time
TJ = +25°C,CL = 1nF, Note 2
50
150
ns
Output Leakage
VCC = 14V, UVLO Active, VPIN6 = 0
–0.01
–10
µA
Total Standby Current
Start–Up Current
0.5
1.0
mA
Operating Supply Current
VPIN2 = VPIN3 = 0V, RT = 10K, CT = 3.3nF
11
17
mA
VCC Zener Voltage
ICC = 25mA
34
V
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE7098Integrated Circuit Current Mode Pulse Width Modulator PWM Control Circuit 1 2 3 NTE Electronics
NTE1722Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1729Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1753Integrated Circuit Pulse Width Modulator PWM Control Circuit 1 2 3 4 NTE Electronics
NTE1721Integrated Circuit Pulse Width Modulator PWM Regulator 1 2 3 4 NTE Electronics
NTE1720Integrated Circuit Pulse Width Modulator PWM Regulator 1 2 3 4 NTE Electronics
CS2842AOff-Line Current Mode PWM Control Circuit with Undervoltage Lockout 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS2844Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3842BOff-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS3845BCurrent Mode PWM Control Circuit with 50% Max Duty Cycle 1 2 3 4 5 MoreCherry Semiconductor Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl