Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK79M36C162GB Datasheet(PDF) 9 Page - Sony Corporation

No. de pieza CXK79M36C162GB
Descripción Electrónicos  18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M36C162GB Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK79M36C162GB Datasheet HTML 5Page - Sony Corporation CXK79M36C162GB Datasheet HTML 6Page - Sony Corporation CXK79M36C162GB Datasheet HTML 7Page - Sony Corporation CXK79M36C162GB Datasheet HTML 8Page - Sony Corporation CXK79M36C162GB Datasheet HTML 9Page - Sony Corporation CXK79M36C162GB Datasheet HTML 10Page - Sony Corporation CXK79M36C162GB Datasheet HTML 11Page - Sony Corporation CXK79M36C162GB Datasheet HTML 12Page - Sony Corporation CXK79M36C162GB Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SONY®
ΣRAM
Preliminary
18Mb 1x2Lp, HSTL, rev 1.1
9 / 25
November 8, 2002
CXK79M36C162GB
DC Electrical Characteristics
(VDD =1.8V ± 0.1V, VSS =0V, TA =0 to 85
oC)
1. For maximum output drive (i.e. minimum impedance), the ZQ pin can be tied directly to VSS.
2. For minimum output drive (i.e. maximum impedance), the ZQ pin can be left unconnected or tied directly to VDDQ.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Notes
Input Leakage Current
(Address, Control, Clock)
ILI
VIN =VSS to VDDQ
-5
---
5
uA
Input Leakage Current
(EP2, EP3)
IMLI1
VMIN =VSS to VDD
-10
---
10
uA
Input Leakage Current
(MCH)
IMLI2
VMIN =VMIH (min) to VDD
-10
---
10
uA
Input Leakage Current
(MCL)
IMLI3
VMIN =VSS to VMIL (max)
-10
---
10
uA
Output Leakage Current
ILO
VOUT =VSS to VDDQ
-10
---
10
uA
Average Power Supply
Operating Current
IDD-33
IDD-4
IDD-5
IOUT =0mA
VIN =VIH or VIL
---
---
---
---
---
---
750
650
550
mA
Power Supply Deselect
Operating Current
IDD2
IOUT =0mA
VIN =VIH or VIL
---
---
250
mA
Output High Voltage
VOH
IOH =-7.0mA
RQ = 250
VDDQ - 0.4
---
---
V
Output Low Voltage
VOL
IOL =7.0 mA
RQ = 250
---
---
0.4
V
Output Driver Impedance
ROUT
VOH,VOL =VDDQ/2
RQ
< 150Ω
---
---
35
(30*1.15)
1
VOH,VOL =VDDQ/2
150
Ω≤ RQ ≤ 300Ω
(RQ/5)*
0.85
RQ/5
(RQ/5)*
1.15
VOH,VOL =VDDQ/2
RQ
> 300Ω
51
(60*0.85)
---
---
2


Número de pieza similar - CXK79M36C162GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK79M36C164GB SONY-CXK79M36C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C165GB SONY-CXK79M36C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Descripción similar - CXK79M36C162GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816118C GSI-GS816118C Datasheet
769Kb / 29P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com