Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF4N90C Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FQPF4N90C
Descripción Electrónicos  900V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF4N90C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF4N90C Datasheet HTML 1Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 2Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 3Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 4Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 5Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 6Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 7Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 8Page - Fairchild Semiconductor FQPF4N90C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. A, June 2003
©2003 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 67 mH, IAS = 4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 4A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
900
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
1.05
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 900 V, VGS = 0 V
--
--
10
µA
VDS = 720 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2 A
--
3.5
4.2
gFS
Forward Transconductance
VDS = 50 V, ID = 2 A
(Note 4)
--
5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
740
960
pF
Coss
Output Capacitance
--
65
85
pF
Crss
Reverse Transfer Capacitance
--
5.6
7.3
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 450 V, ID = 4 A,
RG = 25 Ω
(Note 4, 5)
--
25
60
ns
tr
Turn-On Rise Time
--
50
110
ns
td(off)
Turn-Off Delay Time
--
40
90
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = 720 V, ID = 4 A,
VGS = 10 V
(Note 4, 5)
--
17
22
nC
Qgs
Gate-Source Charge
--
4.5
--
nC
Qgd
Gate-Drain Charge
--
7.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
16
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 4 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 4 A,
dIF / dt = 100 A/µs
(Note 4)
--
450
--
ns
Qrr
Reverse Recovery Charge
--
3.5
--
µC


Número de pieza similar - FQPF4N90C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF4N90C FAIRCHILD-FQPF4N90C Datasheet
920Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF4N90C ISC-FQPF4N90C Datasheet
307Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF4N90CT FAIRCHILD-FQPF4N90CT Datasheet
920Kb / 10P
   900V N-Channel MOSFET
More results

Descripción similar - FQPF4N90C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com