|
| NTE7116 |
|
||
|
NTE |
|
2 page
DC Characteristics: (VS = 8.5V, TA = +25°C, all voltages are with respect to GND (Pin20), all currents are positive into the device unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Supply Voltage VS 7.0 8.5 16.0 V Total Current Consumption Itot Without LED Driver – 19 25 mA Power Dissipation Ptot – 160 – mW Voltage Pin1 V1 – 2.1 – V Pins 8, 9, 10, 11, 12, & 13 V8–13 – 4.2 – V DC Output Current (Pin14 & Pin15) –I14, I15 1.1 1.4 1.8 mA LED Driver Current (Pin3) I3 – – 20 mA Switch “VCO–OFF” Voltage V19 I19 = 50µA – 2 – V Switch “VCO–OFF” Current I19 50 – – µA AC Characteristics: (VS = 8.5V, TA = +25°C, AC Conditions: (1) Input signal (Vi) of 815mVP–P for L = 1, R = 1 (mono), fm = 1kHz (80% modulation); (2) MUX input signal (Vi) of 1.2VP–P for L = 1, R = 0 and no dbx, fm = 1kHz (stereo) and Vpilot = 200VP–P; (3) S1 open, unless specified (without L – R filter), VCO measured with an external IF roll–off network (–2dB at 31.5kHz = 2fH) at the input. All the above conditions apply unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Overall Performance Vi to Vo Input Current (rms) I(rms) – – 12 µA Overall gain GO Mono; R1 = 47k Ω 4.0 5.8 7.0 dB AF Output Voltage (rms) V11 = V10 460 560 640 mV V15 = V14 – 245 – mV Total Harmonic Distortion THD Note 1 – 0.3 0.5 % Output Voltage V11 = V10 THD = 1% – 800 – mV Output Channel Unbalance V11/V10 – 0.1 1.0 dB Channel Separation α L = 1, R = 0 24 28 – dB Signal to Noise Ratio S/N Bandwidth 20Hz to 16kHz – 76 – dB Pilot Presence Detector (Note 2) Switching to Stereo Vpilot – 40 60 mV Mono 15 30 – mV Hysteresis ∆Vpilot – 2.5 – dB Channel Separation Full Stereo α V16 ≥ 1.25V 24 28 – dB Smooth Operation V16 = 1V Typ – 10 – dB Attenuation (L – R) – 6 – dB Note 1. Guaranteed for mono, mono + pilot and stereo. Note 2. Adjustable. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1657 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex | 1 2 3 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
| NTE989 | Integrated Circuit General Purpose Phase Lock Loop PLL | 1 2 3 4 | NTE Electronics |
| NTE15013 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |