Nombre de pieza
         Descripción
NTE712

 Integrated Circuit TV/FM Sound IF Detector ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Dynamic Characteristics (Cont’d): (V+ = 24V, TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
IF Amplifier and Detector (fo = 5.5MHz, ∆f = ±50kHz)
AM Rejection
Vin = 10mVrms, Note 1
40
53
dB
Input Limiting Threshold Voltage
200
400
µVrms
Recovered Audio Output Voltage
Vin = 10mVrms
0.5
0.91
Vrms
Output Distortion
Vin = 10mVrms
0.9
%
Input Impedance Components
Parallel Input Resistance
f = 4.5MHz, measurement between Pin1 and Pin2
17
k
Parallel Input Capacitance
4
pF
Output Impedance Components
Parallel Output Resistance
f = 4.5MHz, measurement between Pin9 and GND
3.25
k
Parallel Output Capacitance
3.6
pF
Output Resistance
Pin7
7.5
k
Pin8
250
Attenuator
Volume Reduction Range
DC Volume Control =
60
dB
Maximum Undesirable Signal
DC Volume Control =
∞, Note 2
0.07
1.0
mV
Audio Amplifier
Voltage Gain
Vin = 0.1Vrms, f = 400Hz
17.5
20.0
dB
Total Harmonic Distortion
VO = 2Vrms, f = 400Hz
2.0
%
Output Voltage
THD = 5%, f = 400Hz
2.0
3.0
Vrms
Input Resistance
f = 400Hz
70
k
Output Resistance
f = 400Hz
270
Note 1. 100% FM, 30% AM Modulation.
Note 2. Undesirable signal is measured at Pin8 when volume control is set for minimum output.
Pin Connection Diagram
V+
Tone Control
1
2
3
4
IF In Bias
IF In
GND
GND
5
6
DC Volume Control
7
De–Emphasis
14
13
12
11
Audio Input
Audio Output
N.C.
10 Quad Detector
9
Quad Detector
8
Detector Output
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1161Integrated Circuit TV Video/Sound IF Amp Detector 1 2 3 NTE Electronics
NTE1162Integrated Circuit TV Sound IF Amp & FM Detector 1 2 NTE Electronics
NTE1404Integrated Circuit TV Sound IF Amplifier Detector AF Output Circuit 1 2 NTE Electronics
NTE1616Integrated Circuit TV Sound IF Amp/Detector Driver 1 2 NTE Electronics
NTE1441Integrated Circuit FM IF Amplifier Detector 1 2 3 NTE Electronics
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
NTE974Integrated Circuit Phase-Frequency Detector 1 2 3 4 NTE Electronics
NTE1607Integrated Circuit B/W TV Video Detector Amplifier IF AGC Circuit 1 2 NTE Electronics
NTE742Integrated Circuit TV Sound Channel 2W 1 2 3 NTE Electronics
NTE1100Integrated Circuit TV Sound IF Amp FM IF Amp 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl