Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD100F5 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

No. de pieza PD100F5
Descripción Electrónicos  FRD 100A AVG 500 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIEC [Nihon Inter Electronics Corporation]
Página de inicio  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F5 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PD100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Bias voltage (VEE) ...
The PC8106-2 is available in two configurations, PC8106N and
PC8106P. The differences are the PC8106N-2 generates a negative
(-14 to -24)voltage, 0 to +3 volts for LCD bias. The PC8106P-2
generates a positive(24 to 35 volts) voltage for LCD bias. The
0 to +3 volts on the PC8106N-2 is for Kyocera displays only.
These voltages are factory set to a specific LCD module when
the module is specified with the order. However, when this is
not specified users must check their modules required bias
voltage prior to use since these values do vary from model to
model.
The bias voltage is switched on only when all the registers are
set and the clock to the LCD is running. This protects the
display from damage which could occur if this voltage were
applied before the controller was initialized and running.
The negative bias voltage range is -14 to -24 volts controlled
by
R28 and the positive bias voltage range is +24 to +34 volts
controlled by R23.
This potentiometer is adjusted for proper contrast on the
display. If needed this potentiometer may be remoted off the
board. To do this remove R23 or R28 depending on which version
you have and connect the external potentiometer to connector J6
as follows:
PC8106P-2, 10K
PC8106N-2, 100K(R28) 5K(R23)
J6.1, CW
J6.2, CW
J6.3, Wiper
J6.4, Wiper
J6.5, CCW
J6.6, CCW
Pin 1 of J6 is identified with a square pad.


Número de pieza similar - PD100F5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Inter Electronics...
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
   FRD MODULE - 100A/1200V/trr:250nsec
PD100F12 NIEC-PD100F12 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
PD100F12 NIEC-PD100F12_1 Datasheet
207Kb / 2P
   100A Avg 1200 Volts
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
   FRD
logo
Nihon Inter Electronics...
PD100F2 NIEC-PD100F2 Datasheet
220Kb / 2P
   100Avg, 200 Volts
More results

Descripción similar - PD100F5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
   FRD - 20A Avg. 200 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com