Nombre de pieza
         Descripción
NTE7148

 Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection) ( 7 Page)


NTE
100% 
Zoom Out Zoom In
   
 6 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = V11 = V14 = 9V, ICC = I30 = 13mA unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Deflection (Cont’d)
AFC II FBP Peak Voltage
F BPH
4.1
4.6
5.1
V
Burst Gate Pulse Delay Time
Td BGP
0.2
0.6
1.2
µs
Burst Gate Pulse Width
PW BGP
2.7
3.7
4.7
µs
VCR SW Input Voltage
VCR
1.3
2.0
V
X–Ray Protector Circuit
Operation Input Voltage
VHD
0.64
0.74
0.84
V
Horizontal Synchronization
Detection Threshold Level
H coin
4.2
4.5
4.8
V
Horizontal Output Current
HOUT
ICC = 13mA
3.8
4.7
5.5
mA
Horizontal VCC
VCC (Jungle Video Chroma)
Pin Connection Diagram
VCC (VIF SIF)
Video Output 1
AFC Filter
CE Filter
GND (VIF SIF)
Audio NFB
VCO Coil
AFT Output
Video Output 2
APC Filter
AFT Coil
AFT Coil
1
2
3
4
De–Emphasis
IF AGC Filter 1
External Audio Input
Discriminator/Mute
5
6
Audio Output
7
8
VIF Input
52
51
50
49
APC Filter
VCO Coil
AGC Output
48 SIF Input
47
46
45
9
IF AGC Filter 2
44
AV Switch
Internal Video Input
10
11
43
42
Tint VR/Service Sw
12
41
External Video Input
13
X’tal
40
Contrast VR
14
39
15
R Input
38
Black Filter Output
Hold Down Input
Horiz Driver Output
Video Input/Black Filter Input
Videotone Input
16
G Input
17
B Input/Blanking Input
18
R – Y Output
19
G – Y Output
20
B – Y Output
37 GND (Jungle Video Chroma Jungle)
36 Chroma Input/Color VR
35
34
33
Clamp Filter
21
–Y Output
32
Brightness VR
22
FBP Input/BGP Output
23
31
30
Sync Input
24
29
Vertical Output
25
28
Horiz Coincidence Filter
26
27
RF AGC VR
1  2  3  4  5  6  7 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LA7672Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreSanyo Semicon Device
LA7674Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection   1 2 3 4 5 MoreSanyo Semicon Device
NTE1846Integrated Circuit NTSC System Single-Chip Color TV Signal Processor 1 2 NTE Electronics
NTE1408Integrated Circuit CMOS Color Signal Processor for VCR 1 2 NTE Electronics
NTE1556Integrated Circuit VIR Signal Processor for Color TV 1 2 NTE Electronics
NTE1416Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV 1 2 3 4 5 NTE Electronics
NTE7060Integrated Circuit NTSC Single Chip Color TV Signal Processor 1 2 3 NTE Electronics
NTE15039Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems 1 2 3 NTE Electronics
NTE1813Integrated Circuit Color Signal Processor for VCR 1 2 NTE Electronics
NTE7150Integrated Circuit Video Chroma and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions 1 2 3 4 5 MoreNTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl