Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC62WV0256EC-35 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza UC62WV0256EC-35
Descripción Electrónicos  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256EC-35 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UC62WV0256EC-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62WV0256EC-35 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
PACKAGE DIMENSIONS (continued)
SOJ - 28
28
15
14
1
D
Seating Plane
UNIT
SYMBOL
INCH
A1
A
--
A2
b
c
b1
D
E
e
H
E
e1
y
θ
S
b
b1
e
e1
Min
Max
Nom
--
0.140
MM
--
Min
Max
Nom
--
0.140
L
S
0.027
--
--
0.69
--
--
0.095
0.1
0.105
2.41
2.54
2.67
0.026
0.028
0.032
0.66
0.71
0.81
0.016
0.018
0.022
0.41
0.46
0.56
0.008
0.010
0.014
0.20
0.25
0.36
--
0.710
0.730
--
18.03
18.54
0.295
0.300
0.305
7.49
7.62
7.75
0.044
0.050
0.056
1.12
1.27
1.42
0.245
0.265
0.285
6.22
6.73
7.24
0.327
0.337
0.347
8.31
8.56
8.81
0.077
0.087
0.097
1.96
2.21
2.46
--
--
0.045
--
--
1.14
--
--
0.004
--
--
0.10
--
10°
--
10°
Note:
1. Dimension D Max & s include mold flash
or tie bar burns.
2. Dimension b does not include dambar
protrusion/intrusion.
3. Dimension D & E include mold mismatch
and are determined at the mold parting line.
4. Controlling dimension: Inch
5. General appearance spec. should be based
on final visual inspection spec.
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
10


Número de pieza similar - UC62WV0256EC-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Descripción similar - UC62WV0256EC-35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com