Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC62WV0256EC-55 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza UC62WV0256EC-55
Descripción Electrónicos  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256EC-55 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC62WV0256EC-55 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256EC-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
Features:
• Vcc operation voltage :
2.0V ~ 5.6V
• Low power consumption :
15mA (Max.) operating current
2uA (Typ.) CMOS standby current
• High Speed Access time :
35ns (Max) at Vcc = 2.7V
55ns (Max) at Vcc = 2.7V
70ns (Max.) at Vcc= 2.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE\ and OE\ options
Description
The UC62WV0256 is a high performance, very low
power CMOS Static Random Access Memory organized as
32,768 words by 8 bits and operates from a wide range of
2.7V to 5.6V supply voltage. Advanced CMOS technology
and circuit techniques provide both high speed and low
power features with a typical CMOS standby current of 1uA
and maximum access time of 70ns in 2.0V operation.
Easy memory expansion is provided enable (CE), and
active LOW output enable (OE) and three-state output
drivers.
The UC62WV0256 has an automatic power down
feature, reducing the power consumption significantly when
chip is deselected.
The UC62WV0256 is available in the JEDEC standard 28 pin
330mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP
and 8mmx13.4mm TSOP (normal type).
PRODUCT FAMILY
Power Consumption
Speed
(ns)
STANDBY
VCC=5.6V
Operating(Max)
Product Family
Operating
Temperature
Vcc Range
Vcc=2.7V
Vcc=5.0V
35ns
55ns
70ns
Package
Type
UC62WV0256BC
SOP-28
UC62WV0256CC
TSOP-28
UC62WV0256DC
PDIP-28
UC62WV0256EC
SOJ-28
UC62WV0256AC
0℃ ~ 70℃
2.0V ~ 5.6V
35/55/70
4uA
25mA
18mA
15mA
DICE
UC62WV0256BI
SOP-28
UC62WV0256CI
TSOP-28
UC62WV0256DI
PDIP-28
UC62WV0256EI
SOJ-28
UC62WV0256AI
-25℃ ~ 85
2.0V ~ 5.6V
35/55/70
4uA
25mA
18mA
15mA
DICE
PIN CONFIGURATIONS
A14
1
A12
2
A7
3
A6
4
A5
5
A4
6
A3
7
A2
8
A1
9
A0
10
DQ0
11
DQ1
12
DQ2
13
GND
14
VCC
28
WE
27
A13
26
A8
25
A9
24
A11
23
OE
22
A10
21
CE
20
DQ7
19
DQ6
18
DQ5
17
DQ4
16
DQ3
15
UC62WV0256BC
UC62WV0256DC
UC62WV0256EC
OE
1
A11
2
A9
3
A8
4
A13
5
WE
6
VCC
7
A14
8
A12
9
A7
10
A6
11
A5
12
A4
13
A3
14
A10
28
CE
27
DQ7
26
DQ6
25
DQ5
24
DQ4
23
DQ3
22
GND
21
DQ2
20
DQ1
19
DQ0
18
A0
17
A1
16
A2
15
UC62WV0256BI
UC62WV0256DI
UC62WV0256EI
UC62WV0256CI
UC62WV0256CC
BLOCK DIAGRAM
MEMORY ARRAY
32K X 8 Bits
COLUMN DECODER
SENSE AMPLIFIER
&
WRITE DRIVER
I/O BUFFER
X8
COL
Address
ROW
Address
CE
WE
OE
CE
WE
OE
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
1


Número de pieza similar - UC62WV0256EC-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Descripción similar - UC62WV0256EC-55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com