Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1349GR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 2SA1349GR
Descripción Electrónicos  SILICON PNP EPITAXIAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

2SA1349GR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2SA1349GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA1349GR Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SA1349GR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A1349)
500
300
100
- -
. -
30 -
10 =
0.5
-0. 1
- 1
- 3
-1 0
-3 0
-10 0
“0
- 2
-4
-6
-8
-10
-1 2
-1 4
-1 6
3
(sat)
-0. 3
iiiiit i
ni-
.
-0. 4
-0. 6
-0. 8
-1. 0
-1.2
-1. 4
-0. 3
- 1
- 3
-1 0
-3 0
-10 0
1
500
- -
300
1
50
30
Ta = 25°C
I
I
I
I I
I I III
100
5
3
I
I
I
I I I
I
1
-0. 3
- 1
- 3
-1 0
-3 0
-10 0
190


Número de pieza similar - 2SA1349GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1349 TOSHIBA-2SA1349 Datasheet
223Kb / 3P
   TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS. RECOMMENDED FOR CASCADE, CURRENT MIRROR CIRCUIT APPLICATIONS OF THE FIRST STAGES OF PRE, MAIN AMPL
2SA1349 TOSHIBA-2SA1349 Datasheet
69Kb / 1P
   HSTM PACKAGE SERIES
More results

Descripción similar - 2SA1349GR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com