Nombre de pieza
         Descripción
NTE743

 Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics:
(TA = +25°C, VCC = +12V, Composite Input = 300mVrms (L = R, Pilot OFF), Pilot Level = 30mVrms,
fm = 400Hz or 1KHz, unless otherwise indicated)
Characteristics
Test Conditions
Min
Typ
Max
Unit
Input Impedance
Pin2
2
353
k
Output Impedance
Pin4 or Pin5
50
Audio Voltage Gain
Desired Channel
0.7
1.0
1.4
V
Stereo Channel Separation
fm = 100Hz
30
dB
fm = 400Hz
30
40
dB
fm = 10kHz
30
dB
Monaural Channel Balance
Pilot Level = 0V
0.1
1.5
dB
Total Harmonic Distortion
Multiplex Level = 600mV
0.4
1.5
%
Ultrasonic Frequency Rejection 19kHz
25
35
dB
38kHz
25
40
dB
SCA Rejection
67KHz, Note 1
70
dB
Stereo Switch Level
Pilot Only, Lamp On
14
25
mVrms
Pilot Only, Lamp Off
2.0
7.0
mVrms
VCO Tuning Resistance
Pin15, Note 2
20
23
26
k
VCO Frequency Drift
–20
°C < TA < +25°C
±0.5
±2.0
%
+25
°C < TA < +70°C
±0.5
±2.0
%
Stereo Lamp Hysteresis
Lamp Off to Lamp On
3.0
6.0
dB
Capture Range
Permissable Tuning Error
4.0
%
Output Voltage Shift
Stereo to Mono Operation
±30
mV
Lamp Output Current
Short Circuit, Lamp On
50
100
mA
Lamp Off
1.0
100
mA
Lamp Driver Terminal Voltage
ILAMP = 50mA
1.3
2.0
V
Supply Current
Lamp Off
20
40
mA
Power Supply Rejection
200Hz, 200mVrms
40
dB
Note 1. Measured with a stereo composite signal of 80% stereo, 10% pilot, and 10% SCA.
Note 2. Total resistance from Pin15 to GND, to set reference frequency at Pin11 to 19kHz
±10Hz
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE1217Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator 1 2 NTE Electronics
NTE1560Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator 1 2 NTE Electronics
NTE1657Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex 1 2 3 NTE Electronics
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE989Integrated Circuit General Purpose Phase Lock Loop PLL 1 2 3 4 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl