Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G3157GV Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74LVC1G3157GV
Descripción Electrónicos  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157GV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G3157GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
9397 750 14524
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2005
8 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VI = GND to VCC; RON =VS/IS.
Fig 7.
Test circuit for measuring switch ON-resistance
(1) VCC = 1.8 V
(2) VCC = 2.5 V
(3) VCC = 2.7 V
(4) VCC = 3.3 V
(5) VCC = 5.0 V
VS = GND to VCC; Tamb =25 °C.
Fig 8.
Typical switch ON-resistance as a function of input voltage
VS
IS
001aac360
S
A
B0
B1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIL or VIH
VI
VI (V)
05
4
23
1
001aaa707
20
10
30
40
RON
(
Ω)
0
(1)
(3)
(4)
(5)
(2)


Número de pieza similar - 74LVC1G3157GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G3157GV NXP-74LVC1G3157GV Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
74LVC1G3157GV PHILIPS-74LVC1G3157GV Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GV NEXPERIA-74LVC1G3157GV Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GV-Q100 NEXPERIA-74LVC1G3157GV-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Descripción similar - 74LVC1G3157GV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com