|
| NTE825 |
|
||
|
NTE |
|
2 page
Electrical Characteristics: (TA = 25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit Operating Supply Voltage VS 4 – 9 V Quiescent Current IQ VS = 6V, RL = 4Ω, THD = 10%, Note 2 – 10 20 mA Output Power POUT VS = 6V, RL = 4Ω, THD = 10%, Note 2 0.8 1.0 – W Voltage Gain AV VS = 6V, f = 1kHz 10µF from Pin2 to Pin6 23 26 30 dB Bandwidth BW VS = 6V, Pin2 and Pin6 Open – 46 – kHz Total Harmonic Distortion THD VS = 6V, RL = 4Ω, POUT = 500mW, f = 1kHz, Pin2 and Pin6 Open – 0.2 1 % Power Supply Rejection Ratio PSRR VS = 6V, f = 1kHz, CBYPASS = 10µF, Pin2 and Pin6 Open, Referred to Output, Note 3 – 50 – dB Input Resistance RIN 10 50 – k Ω Input Bias Current IBIAS VS = 6V, Pins 7 and 8 Open – 250 – mA Note 2. If oscillation exists under some load conditions, add a 2.7 Ω and 0.05µF series network from Pin13 to GND. Note 3. If load and bypass capacitor are returned to VS rather than GND, PSRR is typically 30dB. Application Hints: Gain Control To make the NTE825 a more versatile amplifier, two pins (Pin2 and Pin6) are provided for gain control. With Pin2 and Pin6 open, the gain is 20 (26dB). If a capacitor is put from Pin2 to Pin6, the gain will go up to 200 (46dB). If a resistor is placed in series with the capacitor, the gain can be set to any value from 20 to 200. A 10 µf Electrolytic with positive to Pin6 is a usual value. Additional external components can be placed in parallel with the internal feedback resistors to tailor the gain and frequency response for inidividual applications. For example, a series RC from Pin6 to Pin13 (paralleling the internal 15k Ω resistor) yields 6dB effective bass boost if R ≅ 15kΩ and Pin2 is open. If Pin2 and Pin6 are bypassed, then R as low as 2kΩ can be used. This restriction is because the amplifier is only compensated for closed–loop gains greater than 9V/V. Input Biasing When using NTE825 with higher gains (bypassing the internal 1.35k Ω resistor between Pin2 and Pin6) it is necessary to bypass the unused input, preventing degradation of gain and pos- sible instabilities. This is done with a 0.1 µF capacitor or a short to GND depending on the DC source resistance on the driven input. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1627 | Integrated Circuit Power Amp 550mW for Battery Operated Radios | 1 2 | NTE Electronics |
| NTE1367 | Integrated Circuit Dual Audio Power Amp 2.3W to 5W 4.6W to 15W BTL | 1 2 3 | NTE Electronics |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE828 | Integrated Circuit Audio Power Amp 1.5W | 1 2 | NTE Electronics |
| NTE1293 | Integrated Circuit Dual Audio Power Amp 5.8W/Ch | 1 2 | NTE Electronics |
| NTE1392 | Integrated Circuit Audio Power Amp 7W | 1 2 | NTE Electronics |
| NTE1399 | Integrated Circuit Dual Audio Power Amp 18W BTL | 1 2 | NTE Electronics |
| NTE1470 | Integrated Circuit Audio Power Amp 2.5W for Table Top Stereo | 1 2 | NTE Electronics |
| NTE1879 | Integrated Circuit Module Hybrid Dual Audio Power Amp 18W/Ch Dual Power Supplies | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |