Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ245L Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SJ245L
Descripción Electrónicos  SILICON P-CHANNEL MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ245L Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ245L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ245L Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
–1.0
–0.8
–0.6
–0.4
–0.2
0
–2–4–6
–8
–10
Gate to Source Voltage
V
(V)
GS
Pulse test
–1 A
–2 A
I
= –3 A
D
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
5
2
1
0.5
0.2
0.1
0.05
–0.5
–1
–2
–5
–10 –20
–50
Drain Current
I
(A)
D
Pulse test
V
= –4 V
GS
–10 V
Static Drain to Source on State Resistance
vs. Drain Current
1.0
0.8
0.6
0.4
0.2
–40
0
40
80
120
160
Case Temperature
Tc (°C)
0
–I
= –1, –2 A
D
–3 A
–1, –2 A
–3 A
Pulse test
V
= –4 V
–10 V
GS
Static Drain to Source on State Resistance
vs. Temperature
10
5
2
1
0.5
0.2
0.1
–0.1 –0.2
–0.5
–1
–2
–5
–10
Drain Current
I
(A)
D
25°C
Tc = –25°C
75°C
Pulse test
V
= –10 V
DS
Forward Transfer Admittance
vs. Drain Current
2SJ245 L , 2SJ245 S


Número de pieza similar - 2SJ245L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
2SJ245L VBSEMI-2SJ245L Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
More results

Descripción similar - 2SJ245L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com