Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ246S Datasheet(PDF) 4 Page - Hitachi Semiconductor

No. de pieza 2SJ246S
Descripción Electrónicos  SILICON P-CHANNEL MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ246S Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ246S Datasheet HTML 1Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 2Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 3Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 4Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 5Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 6Page - Hitachi Semiconductor 2SJ246S Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
–2.0
–1.6
–1.2
–0.8
–0.4
0
–2–4–6
–8
–10
Gate to Source Voltage V
(V)
GS
I = –5 A
D
Pulse test
–2 A
–1 A
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
5
2
1
0.5
0.2
0.1
0.05
–0.1
–1
–10
–100
Drain Current
I
(A)
D
Pulse test
–10 V
V
= –4 V
GS
Static Drain to Source on State
Resistance vs. Drain Current
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
Case Temperature
Tc
(°C)
I = –5 A
D
Pulse test
0
–1 A
V
= –4 V
GS
–10 V
–1 A, –2 A
–5 A
–2 A
Static Drain to Source on State
Resistance vs. Temperature
10
5
2
1
0.5
–0.1 –0.2
–0.5
–1
–2
–5
–10
Drain Current
I
(A)
D
Pusle test
V
= –10 V
DS
Tc = 25°C
–25°C
75°C
Forward Transfer Admittance vs.
Drain Current
2SJ246 L , 2SJ246 S


Número de pieza similar - 2SJ246S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ240 TOSHIBA-2SJ240 Datasheet
331Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type (L²-T-MOS IV) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
logo
NEC
2SJ243 NEC-2SJ243 Datasheet
61Kb / 6P
   P-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SJ243 RENESAS-2SJ243 Datasheet
860Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Hitachi Semiconductor
2SJ244 HITACHI-2SJ244 Datasheet
45Kb / 8P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ244 RENESAS-2SJ244 Datasheet
76Kb / 7P
   Silicon P Channel MOS FET
More results

Descripción similar - 2SJ246S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com