Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ280L Datasheet(PDF) 1 Page - Hitachi Semiconductor

No. de pieza 2SJ280L
Descripción Electrónicos  SILICON P-CHANNEL MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ280L Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SJ280L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ280L Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Application
High speed power switching
Features
• Low on–resistance
• High speed switching
• Low drive current
• 4 V gate drive device can be driven from
5 V source
• Suitable for Switching regulator, DC – DC
converter
• Avalanche Ratings
1
2, 4
3
LDPAK
3
2
1
4
3
2
1
4
1. Gate
2. Drain
3. Source
4. Drain
Table 1 Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
———————————————————————————————————————————
Drain to source voltage
VDSS
–60
V
———————————————————————————————————————————
Gate to source voltage
VGSS
±20
V
———————————————————————————————————————————
Drain current
ID
–30
A
———————————————————————————————————————————
Drain peak current
ID(pulse)*
–120
A
———————————————————————————————————————————
Body–drain diode reverse drain current
IDR
–30
A
———————————————————————————————————————————
Avalanche current
IAP***
–30
A
———————————————————————————————————————————
Avalanche energy
EAR***
77
mJ
———————————————————————————————————————————
Channel dissipation
Pch**
75
W
———————————————————————————————————————————
Channel temperature
Tch
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
*
PW
≤ 10 µs, duty cycle ≤ 1 %
**
Value at Tc = 25 °C
***
Value at Tch = 25 °C, Rg
≥ 50 Ω
2SJ280 L , 2SJ280 S
Silicon P Channel MOS FET


Número de pieza similar - 2SJ280L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
2SJ28 SONY-2SJ28 Datasheet
25Kb / 1P
   Function : Sony P Channel VFET for TA-N88 Class D AMP
logo
Sanyo Semicon Device
2SJ281 SANYO-2SJ281 Datasheet
83Kb / 3P
   Very High-Speed Switching Applications
2SJ284 SANYO-2SJ284 Datasheet
73Kb / 3P
   Very High-Speed Switching Applications
2SJ285 SANYO-2SJ285 Datasheet
72Kb / 3P
   Very High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SJ285 VBSEMI-2SJ285 Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Descripción similar - 2SJ280L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com