|
| NTE844 |
|
||
|
NTE |
|
3 page
VCC OSC Input 90 ° OSC Input 180 ° Pin Connection Diagram Luminance Beam Limiter Bright Control Picture Control 1 2 3 4 Chroma Output Chroma Control Chroma Input Overload Filter 5 ACC, Killer Filter 6 ACC, Killer Filter 7 Sandcastle Pulse 28 27 26 25 Low Pass Filter 24 23 22 Blue 8 GND 9 APC Filter 21 Red 20 Green Q Carrier Input 10 APC Filter 11 12 19 18 I Carrier Input 17 Demodulator Chroma Input 13 OSC Output 14 Tint Control 16 Overload, Flesh Disable 15 Carrier Output 1.469 (37.32) Max 1.300 (33.02) .540 (13.7) .600 (15.24) .250 (6.35) .122 (3.1) Min .100 (2.54) 15 28 14 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE7060 | Integrated Circuit NTSC Single Chip Color TV Signal Processor | 1 2 3 | NTE Electronics |
| NTE7010 | Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface | 1 2 3 | NTE Electronics |
| NTE7054 | Integrated Circuit Single Chip TV Processor | 1 2 3 4 5 | NTE Electronics |
| NTE7058 | Integrated Circuit Single Chip TV NTSC System | 1 2 3 4 | NTE Electronics |
| AS2507 | SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT | 1 2 3 4 5 More | austriamicrosystems AG |
| NTE2050 | Integrated Circuit 31/2-Digit Single Chip A/D Converter | 1 2 3 4 | NTE Electronics |
| TC9296AF | DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER | 1 2 3 4 5 More | Toshiba Semiconductor |
| BCM2121 | GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR | 1 2 | Broadcom Corporation. |
| NTE1416 | Integrated Circuit Chrominance and Luminance Processor for NTSC Color TV | 1 2 3 4 5 | NTE Electronics |
| KIA75S393F | BIPOLAR LINEAR INTEGRATED CIRCUIT SINGLE COMPARATOR | 1 2 3 | KEC(Korea Electronics) |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |