Nombre de pieza
         Descripción
NTE935

 Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 32V, 5A ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (+25
°C ≤ TJ ≤ +150°C, VIN –VOUT = 5V and IOUT = 2.5A, Note 1
unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Line Regulation
3V
≤ (VIN –VOUT) ≤ 35V, IL = 0.01A, Note 2
0.02
0.06
%/V
3V
≤ (VIN –VOUT) ≤ 35V, IL = 0.01A, TA = +25°C, Note 2
0.005
0.03
%/V
Load Regulation
10mA
≤ IOUT ≤ 5A, Note 2
0.3
1.0
%
10mA
≤ IOUT ≤ 5A, TA = +25°C, Note 2
0.1
0.5
%
Thermal Regulation
Pulse = 20ms, TJ = +25°C
0.002
0.02
%/W
Adjustment Pin Current
45
100
µA
Adjustment Pin Current Change
10mA
≤ IL ≤ 5A, 3V ≤ (VIN – VOUT) ≤ 35V
0.2
5.0
µA
Reference Voltage
3
≤ (VIN – VOUT) ≤ 35V, 10mA ≤ IOUT ≤ 5A, P ≤ 50W,
Note 3
1.19
1.24
1.29
V
Temperature Stability
TMIN ≤ TJ ≤ TMAX
1
%
Minimum Load Current
(VIN –VOUT) = 35V
3.5
10
mA
Current Limit
(VIN – VOUT) ≤10V
5.0
8.0
A
(VIN – VOUT) ≤ 30V
1.0
A
RMS Output Noise, % of VOUT TJ = +25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Ripple Rejection Ratio
VOUT= 10V, f = 120Hz
60
dB
CADJ = 10µF
60
75
dB
Long Term Stability
TJ = +125°C
0.3
1.0
%
Note 1. Power dissipation is internally limited, these specifications are applicable for power dissipations
up to 50W.
Note 2. Regulation is measured at constant junction temperature. Changes in output voltage due
to heating effects are taken into account separately by thermal regulation.
Note 3. Selected devices with tightened tolerance reference voltage.
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
VIN
VOUT/Case
Adjust
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE970Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V 3A 1 2 NTE Electronics
NTE956Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
NTE1900Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
NTE932Integrated Circuit 3-Terminal Positive Voltage Regulator 5V 5A 1 2 NTE Electronics
KIA317PBIPOLAR LINEAR INTEGRATED CIRCUIT 3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR 1 2 3 4 5 KEC(Korea Electronics)
NTE957Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator 1 2 NTE Electronics
NTE958Integrated Circuit 3-Terminal Positive Voltage Regulator 18V 1 2 NTE Electronics
NTE960Integrated Circuit 3-Terminal Positive Voltage Regulator 5V 1 2 NTE Electronics
NTE1928Integrated Circuit Positive Adjustable Voltage Regulator 4.5V to 40V 45mA 1 2 3 NTE Electronics
NTE964Integrated Circuit 3-Terminal Positive Voltage Regulator 8V 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl