Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5425 Datasheet(PDF) 1 Page - Analog Devices |
|
AD5425 Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page REV. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2004 Analog Devices, Inc. All rights reserved. AD5425* 8-Bit, High Bandwidth Multiplying DAC with Serial Interface FEATURES 2.5 V to 5.5 V Supply Operation 50 MHz Serial Interface 8-Bit (Byte Load) Serial Interface, 6 MHz Update Rate 10 MHz Multiplying Bandwidth 10 V Reference Input Low Glitch Energy < 2 nV-s Extended Temperature Range –40 C to +125 C 10-Lead MSOP Package Guaranteed Monotonic 4-Quadrant Multiplication Power On Reset with Brownout Detection LDAC Function 0.4 A Typical Power Consumption APPLICATIONS Portable Battery-Powered Applications Waveform Generators Analog Processing Instrumentation Applications Programmable Amplifiers and Attenuators Digitally-Controlled Calibration Programmable Filters and Oscillators Composite Video Ultrasound Gain, Offset, and Voltage Trimming FUNCTIONAL BLOCK DIAGRAM GENERAL DESCRIPTION The AD5425 is a CMOS 8-bit current output digital-to-analog converter that operates from a 2.5 V to 5.5 V power supply, making it suited to battery-powered applications and many other applications. This DAC utilizes a double buffered 3-wire serial interface that is compatible with SPI ®, QSPI™, MICROWIRE™, and most DSP interface standards. In addition, an LDAC pin is provided, which allows simultaneous update in a multi-DAC configuration. On power-up, the internal shift register and latches are filled with 0s and the DAC outputs are at 0 V. As a result of processing on a CMOS submicron process, this DAC offers excellent 4-quadrant multiplication characteristics, with large signal multiplying bandwidths of 10 MHz. The applied external reference input voltage (VREF) determines the full-scale output current. An integrated feedback resistor (RFB) provides temperature tracking and full-scale voltage output when combined with an external I-to-V precision amplifier. The AD5425 DAC is available in a small 10-lead MSOP package. SCLK SYNC AD5425 VREF IOUT2 IOUT1 RFB R 8-BIT R-2R DAC DAC REGISTER SDIN VDD GND POWER-ON RESET LDAC CONTROL LOGIC AND INPUT SHIFT REGISTER INPUT LATCH *Protected by U.S. Patent No. 5,969,657; other patents pending. |
Número de pieza similar - AD5425 |
|
Descripción similar - AD5425 |