|
| BZX84-V |
|
||
|
VISHAY |
|
4 page
www.vishay.com 4 Document Number 85763 Rev. 1.7, 14-Jul-05 BZX84-V-Series Vishay Semiconductors Typical Characteristics (Tamb = 25 °C unless otherwise specified) Figure 1. Forward characteristics Figure 2. Admissible Power Dissipation vs. Ambient Temperature Figure 3. Pulse Thermal Resistance vs. Pulse Duration 18114 18115 ° C 18116 Figure 4. Dynamic Resistance vs. Zener Current Figure 5. Capacitance vs. Zener Voltage Figure 6. Dynamic Resistance vs. Zener Current 18117 18118 18119 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| MMBZ15VDC | Small Signal Zener Diodes Dual | 1 2 3 4 | Vishay Siliconix |
| BAT86 | SMALL SIGNAL SCHOTTKY DIODES | 1 | Micro Commercial Components |
| LS103A | Small Signal Schottky Barrier Diodes | 1 2 3 4 5 | Vishay Siliconix |
| ASD751V-N2 | Advanced Schottky Barrier Diodes - Surface mount small signal type | 1 2 | Formosa MS |
| BAV19W | 410mW Small Signal Diodes 120 to 250 Volts | 1 2 3 | Micro Commercial Components |
| BAT43WS | Advanced Schottky Barrier Diodes - Surface mount small signal type | 1 2 | Formosa MS |
| BAT54XN3 | Small Signal Schottky double diodes | 1 2 3 4 | Cystech Electonics Corp. |
| TMBYV10-40 | SMALL SIGNAL SCHOTTKY DIODES | 1 2 3 4 | STMicroelectronics |
| IMBD4148 | Small Signal Diodes | 1 2 3 4 | General Semiconductor |
| MCL4148 | Surface mount Small Signal Diodes | 1 2 | Diotec Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |