Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1851AMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN1851AMX
Descripción Electrónicos  Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1851AMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1851AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1851AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FAN1851A
PRODUCT SPECIFICATION
2
REV. 2.0.1 6/17/05
Functional Description
The voltage at the supply pin is clamped to +26V by the
internal shunt regulator D3. This shunt regulator also
generates an artificial ground voltage for the noninverting
input of A1 (shown as a +10V source). A1, Q1, and Q2
together act as a current mirror for fault current signals
(which are derived from an external transformer). When a
fault signal is present, the mirrored current charges the
external timing capacitor until its voltage exceeds the latch
trigger threshold (typically 17.5V). When this threshold is
exceeded, the latch engages and Q3 turns off, allowing I2 to
drive the SCR connected to the "SCR Trigger" pin.
Extra Circuitry in the feedback path of A1 works with the
switched current source I1 to remove any charge on CT
induced by noise in the transformer. If no fault current is
present, then I1 discharges CT with a current equal to 3 ITH,
where ITH is the value of current set by the external RSET
resistor. If fault signals are present at the input of A1 (which
is held at virtual ground, +10V), one of the two current
mirrors in the feedback path of A1 (Q4 and Q5) will become
active, depending on which half-cycle the fault occurs.
This action will raise the voltage at VS, switching I1 to a
value equal to ITH, and reducing the discharge rate of CT to
better allow fault currents to charge it.
Notice that ITH discharges CT during both half-cycles of the
line, while IF only charges CT during the half-cycle in which
IF exits the "- Input" pin (since Q1 will only carry fault cur-
rent in one direction). Thus, during one half-cycle, IF-ITH
charges CT, while during the other half-cycle ITH discharges
it.
Pin Assignments
SCR Trigger
– Input
+ Input
Ground
+VS
CT
RSET
Amp Out
1
2
3
4
8
7
6
5
Definition of Terms
Normal Fault:
An unintentional electrical path, RB, between the load termi-
nal of the hot line and the ground, as shown by the dashed
lines in Figure1.
Figure 1. Normal Fault
Grounded Neutral Fault:
An unintentional electrical path between the load terminal of
the neutral line and the ground, as shown by the dashed lines
in Figure 2.
Figure 2. Grounded Neutral Fault
Hot
GFI
Neutral
Line
Hot
RLOAD
RB
Neutral
RG
Hot
GFI
Neutral
Line
Hot
RLOAD
RIN
Neutral
RG


Número de pieza similar - FAN1851AMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Descripción similar - FAN1851AMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com