Nombre de pieza
         Descripción
NTE974

 Integrated Circuit Phase-Frequency Detector ( 4 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise spcified)
Parameter
Symbol
Pin
Test Conditions
Min
Typ
Max
Unit
Output (Note 1)
Ouput Voltage
VOH
6, 12
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOL
6
IOL = 20mA, VIHT = 1.8V, VCCL = 4.75V
0.4
V
VOH
12
IOH1 = –1.6mA, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOH
6
IOH1 = –1.6mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOL
12
IOL = 20mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
0.4
V
VOH
2
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOL
13
IOL = 20mA, VILT = 1.1V, VCCL = 4.75V
0.4
V
VOH
2
IOH1 = –1.6mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOL
13
IOL = 20mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
0.4
V
VOH
2, 13
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOH
2, 13
IOH1 = –1.6mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOL
2
IOL = 20mA, VILT = 1.1V, VCCL = 4.75V
0.4
V
VOH
13
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOL
2
IOL = 20mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
0.4
V
VOH
13
IOH1 = –1.6mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOL
2
IOL = 20mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOH
13
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
VOL
2
IOL = 20mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOH
13
IOH1 = –1.6mA, VILT = 1.1V, VIHT = 1.8V, VCCL = 4.75V
2.5
V
VOH
2, 13
IOH1 = –1.6mA, VILT = 1.1V, VCCL = 4.75V
2.5
V
Short Circuit
IOS
2
VIHT = 1.8V
–20
–65
mA
Current
6, 12
VCC = 5V
–20
–65
mA
13
VIHT = 1.8V, VCC = 5V
–20
–65
mA
Collector–Emitter
IOLK
2, 13
VIHT = 1.8V, VCC = 5V
250
µA
Voltage
6, 12
VCC = 5V
250
µA
Output Voltage
VEH
10
IOH2 = –1.0mA, VILT = 1.1V, VCCL = 4.75V
1.5
V
Output Current
IO
8
IA = 0.002mA, VCCH = 5.25V
0.8
mA
Leakage Current
IOLK
8
VCCH = 5.25V
120
µA
10
VIH = 2.5V, Vout = 1.5V, VCCH = 5.25V
5.0
µA
Power Requirements (Total Device)
Power Supply
Drain
ICC
14
VCC = 5V
40
mA
Note 1. The outputs of the device must be tested by sequencing through the indicated input states
according to the truth table. All input, power supply, and ground voltages must be maintained
between tests unless otherwise noted.
Note 2. Input Loading Factor: R, V = 3
Output Loading Factor (Pin8) = 10
Total Power Dissipation = 85mW Typ/Pkg
Propagation Delay Time = 9ns Typ (thru phase detector)
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1172Integrated Circuit Phase-Frequency Detector 1 2 3 NTE Electronics
NTE1161Integrated Circuit TV Video/Sound IF Amp Detector 1 2 3 NTE Electronics
NTE1441Integrated Circuit FM IF Amplifier Detector 1 2 3 NTE Electronics
NTE1507Integrated Circuit 10-Step Adjustable Analog Level Detector 1 2 3 NTE Electronics
NTE1162Integrated Circuit TV Sound IF Amp & FM Detector 1 2 NTE Electronics
NTE1404Integrated Circuit TV Sound IF Amplifier Detector AF Output Circuit 1 2 NTE Electronics
NTE1607Integrated Circuit B/W TV Video Detector Amplifier IF AGC Circuit 1 2 NTE Electronics
NTE1610Integrated Circuit B/W TV Video Detector Amplifier IF AGC Circuit 1 2 NTE Electronics
NTE712Integrated Circuit TV/FM Sound IF Detector 1 2 3 NTE Electronics
NTE843Integrated Circuit TV Video IF Phase Locked Loop PLL Synchronous Detector 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl