Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9139DG-3322 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI9139DG-3322
Descripción Electrónicos  Multi-Output, Individual On/Off Control Power-Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9139DG-3322 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9139DG-3322 Datasheet HTML 1Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 2Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 3Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 4Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 5Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 6Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 7Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 8Page - Vishay Siliconix SI9139DG-3322 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Si9139
Vishay Siliconix
New Product
Document Number: 71841
S-22317—Rev. A, 16-Dec-02
www.vishay.com
5
ORDERING INFORMATION
Part Number
Temperature
Range
SMPSB, SMPSA
Output Voltages
Si9139DG – 3328
3.3 V, 2.8 V
Si9139DG – 3325
3.3 V, 2.5 V
Si9139DG – 3322
3.3 V, 2.2 V
Si9139DG – 3320
3.3 V, 2.0 V
Si9139DG – 3318
3.3 V, 1.8 V
Si9139DG – 3315
3.3 V, 1.5 V
Si9139DG – 2825
2.8 V, 2.5 V
Si9139DG – 2822
2.8 V, 2.2 V
Si9139DG – 2820
2.8 V, 2.0 V
Si9139DG – 2818
2.8 V, 1.5 V
Si9139DG – 2815
2.8 V, 1.8 V
Si9139DG – 2522
-40 to 85
_C
2.5 V, 2.2 V
Si9139DG – 2520
2.5 V, 2.0 V
Si9139DG – 2518
2.5 V, 1.8 V
Si9139DG – 2515
2.5 V, 1.5 V
Si9139DG – 2220
2.2 V, 2.0 V
Si9139DG – 2218
2.2 V, 1.8 V
Si9139DG – 2215
2.2 V, 1.5 V
Si9139DG – 2018
2.0 V, 1.8 V
Si9139DG – 2015
2.0 V, 1.5 V
Si9139DG – 1815
1.8 V, 1.5 V
Si9139DG
Contact factory for other
voltages
Evaluation
Board
Temperature
Range
Board Type
Si9139DB
-40 to 85
_C
Surface Mount
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.001
55
0.1
65
85
60
70
1
0.01
Efficiency vs. Auxiliary SMPS C Output Current
(Buck-Boost Configuration)
Current (A)
75
80
0.1
50
80
100
60
70
110
Efficiency vs. SMPS B Output Current
Load Current (A)
90
Frequency = 300 kHz
VIN = 5 V
VIN = 24 V
6 V
30 V
VIN = 15 V
SMPS A No Load
VOUT = 2.5 V
VIN = 12 V
SMPS A, B No Load
VOUT = 12 V


Número de pieza similar - SI9139DG-3322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Descripción similar - SI9139DG-3322

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com