Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9139DG-2520 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SI9139DG-2520
Descripción Electrónicos  Multi-Output, Individual On/Off Control Power-Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9139DG-2520 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9139DG-2520 Datasheet HTML 3Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 4Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 5Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 6Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 7Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 8Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 9Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 10Page - Vishay Siliconix SI9139DG-2520 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Si9139
Vishay Siliconix
New Product
Document Number: 71841
S-22317—Rev. A, 16-Dec-02
www.vishay.com
7
TYPICAL WAVEFORMS
VOUT
(20 mV/div)
Inductor Node
(LXB)
(5 V/div)
Inductor Current
(0.5 A/div)
PSM Operation B Converter
10.0
ms/div
VOUT
(20 mV/div)
Inductor Node
(LXB)
(5 V/div)
Inductor Current
(0.5 A/div)
10.0
ms/div
PSM Operation B Converter
VOUT
(20 mV/div)
Load
(1 A/div)
PWM Loading B Converter
50
ms/div
VOUT
(20 mV/div)
50
ms/div
PWM Unloading A Converter
VOUT
(50 mV/div)
PSM to PWM A Converter
50
ms/div
VOUT
(50 mV/div)
50
ms/div
PWM to PSM A Converter
V(VIN = 5.0 V, VOUT = 2.5 V)
(IOUT = 100 mA)
(VIN = 5.0 V, VOUT = 2.5 V)
(IOUT = 1.2 A)
(VIN = 12.0 V, VOUT = 2.5 V)
(1.5 A to 4.0 A )
Load
(1 A/div)
VVIN = 5.0 V, VOUT = 2.0 V
(0.1 A to 3.0 A )
(3 A to 0.1 A )
Load
(1 A/div)
Load
(1 A/div)
(VIN = 12.0 V, VOUT = 2.0 V)
(1.8 A to 4.3 A )
(VIN = 10.0 V, VOUT = 3.3 V)


Número de pieza similar - SI9139DG-2520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Descripción similar - SI9139DG-2520

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com