|
| NTE989 |
|
||
|
NTE |
|
2 page
Electrical Characteristics: (TA = +25°C, VC = ±6V unless otherwise specified) Parameter Conditions Min Typ Max Unit Power Supply Current – 8.0 12.5 mA Input Impedance (Pins 2,3) –4V < V2, V3 < 0V – 5 – k Ω VCO Maximum Operating Frequency Co = 2.7pF 250 500 – kHz Operating Frequency Temperature Coefficient – –200 500 ppm/ °C Frequency Drift with Supply Voltage – 0.05 0.2 %/V Triangle Wave Output Voltage 2 2.4 3 Vp–p Triangle Wave Output Linearity – 0.5 1 % Square Wave Output Level 4.7 5.4 – Vp–p Output Impedance (Pin 4) – 5 – k Ω Square Wave Duty Cycle 40 50 60 % Square Wave Rise Time – 20 – ns Square Wave Fall Time – 50 – ns Output Current Sink (Pin 4) 0.6 1 – mA VCO Sensitivity fo = 10kHZ 6000 6600 7200 HZ/V Demodulated Output Voltage (Pin 7) ±10% Frequency Deviation 200 300 400 mVpp Total Harmonic Distortion ±10% Frequency Deviation – 0.2 1.5 % Output Impedance (Pin 7) – 3.5 – k Ω DC Level (Pin 7) 4.0 4.5 5.0 V Output Offset Voltage |V7 – V6| – 50 200 mV Temperature Drift of |V7 – V6| – 500 – µV/°C AM Rejection – 40 – dB Phase Detector Sensitivity KD 0.55 .68 0.95 V/radian Applications Information: In designing with phase locked loops the important parameters of interest are: FREE RUNNING FREQUENCY fo ≅ 1 3.7 R0C0 LOOP GAIN: The Loop Gain relates the amount of phase change between the input signal and the VCO sig- nal for a shift in input signal frequency (assuming the loop remains in lock). In servo theory, this is called the “velocity error coefficient”. radians/sec volt Loop gain = KoKD 1 sec Ko = oscillator sensitivity KD = phase detector sensitivity volts radian |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE1206 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE1779 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1657 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex | 1 2 3 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |