Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC283PW Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74HC283PW
Descripción Electrónicos  4-bit binary full adder with fast carry
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC283PW Datasheet HTML 1Page - NXP Semiconductors 74HC283PW Datasheet HTML 2Page - NXP Semiconductors 74HC283PW Datasheet HTML 3Page - NXP Semiconductors 74HC283PW Datasheet HTML 4Page - NXP Semiconductors 74HC283PW Datasheet HTML 5Page - NXP Semiconductors 74HC283PW Datasheet HTML 6Page - NXP Semiconductors 74HC283PW Datasheet HTML 7Page - NXP Semiconductors 74HC283PW Datasheet HTML 8Page - NXP Semiconductors 74HC283PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC283 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC283 is specified in compliance with JEDEC
standard no. 7A.
The 74HC283 adds two 4-bit binary words (An plus Bn) plus the incoming carry (CIN).
The binary sum appears on the sum outputs (S1 to S4) and the out-going carry (COUT)
according to the equation:
CIN + (A1 + B1) + 2(A2 + B2) + 4(A3 + B3) + 8(A4 + B4) =
= S1 + 2S2 + 4S3 + 8S4 + 16COUT
Where (+) = plus.
Due to the symmetry of the binary add function, the 74HC283 can be used with either all
active HIGH operands (positive logic) or all active LOW operands (negative logic). In case
of all active LOW operands the results S1 to S4 and COUT should be interpreted also as
active LOW. With active HIGH inputs, CIN must be held LOW when no carry in is
intended. Interchanging inputs of equal weight does not affect the operation, thus CIN, A1,
B1 can be assigned arbitrarily to pins 5, 6, 7, etc.
See the 74HC583 for the BCD version.
2.
Features
s High-speed 4-bit binary addition
s Cascadable in 4-bit increments
s Fast internal look-ahead carry
s Low-power dissipation
s Complies with JEDEC standard no. 7A
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s Multiple package options
s Specified from
−40 °Cto+80 °C and from −40 °C to +125 °C.
74HC283
4-bit binary full adder with fast carry
Rev. 03 — 11 November 2004
Product data sheet


Número de pieza similar - 74HC283PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
More results

Descripción similar - 74HC283PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com