Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUZ906DP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
BUZ906DP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page TEC MAGNA Magnatec. Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612. Prelim. 2/95 BUZ905DP BUZ906DP Characteristic Test Conditions Min. Typ. Max. Unit BVDSX Drain – Source Breakdown Voltage BVGSS Gate – Source Breakdown Voltage VGS(OFF) Gate – Source Cut–Off Voltage VDS(SAT)* Drain – Source Saturation Voltage IDSX Drain – Source Cut–Off Current yfs* Forward Transfer Admittance -160 -200 ±14 -0.1 -1.5 -12 -10 -10 1.4 4 * Pulse Test: Pulse Width = 300 µs , Duty Cycle ≤ 2%. VGS = 10V BUZ905DP ID = -10mA BUZ906DP VDS = 0 IG = ±100µA VDS = -10V ID = -100mA VGD = 0 ID = -16A VDS = -160V BUZ905DP VGS = 10V VDS = -200V BUZ906DP VDS = -10V ID = -3A V V V V mA S Characteristic Test Conditions Min. Typ. Max. Unit Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance ton Turn–on Time toff Turn-off Time 1900 900 60 150 110 VDS = 10V f = 1MHz VDS = 20V ID = 7A pF ns STATIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated) DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated) 50 100 150 200 250 300 0 0 25 50 75 100 125 150 T — CASE TEMPERATURE (˚C) C Derating Chart |
Número de pieza similar - BUZ906DP |
|
Descripción similar - BUZ906DP |