Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRFR3504PBF Datasheet(PDF) 4 Page - International Rectifier |
|
IRFR3504PBF Datasheet(HTML) 4 Page - International Rectifier |
4 / 11 page IRFR/U3504PbF 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage Fig 7. Typical Source-Drain Diode Forward Voltage 0 10 20 30 40 50 0 2 4 6 8 10 12 Q , Total Gate Charge (nC) G I = D 30A V = 8V DS V = 20V DS V = 32V DS 0.1 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 V ,Source-to-Drain Voltage (V) SD V = 0 V GS T = 25 C J ° T = 175 C J ° 1 10 100 1000 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 Tc = 25°C Tj = 175°C Single Pulse 1msec 10msec OPERATION IN THIS AREA LIMITED BY R DS(on) 100µsec 1 10 100 VDS, Drain-to-Source Voltage (V) 10 100 1000 10000 100000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd Coss Crss Ciss |
Número de pieza similar - IRFR3504PBF |
|
Descripción similar - IRFR3504PBF |