Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1640A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1640A
Descripción Electrónicos  SAW Filter 2636.5 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1640A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1640A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1640A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2636.5 MHz
MODEL NO.:TA1640A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency
Fc
MHz
-
2636.5
-
-
Insertion Loss (2588~2685 MHz)
IL
dB
-
2.6
3.6
-
Amplitude Ripple (2588~2685 MHz)
dB
-
1.6
2.4
-
VSWR (2588~2685 MHz)
-
2
2.5
-
Attenuation (Reference level from 0 dB)
DC ~ 2520
MHz
dB
25
29
-
-
2750 ~ 4000
MHz
dB
30
34
-
-
4000 ~ 5000
MHz
dB
15
24
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
RoHS Compliant
Lead free
Lead-free soldering


Número de pieza similar - TA1640A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1641A TAI-SAW-TA1641A Datasheet
143Kb / 6P
   SAW Filter 772 MHz
logo
Golledge Electronics Lt...
TA1641A GOLLEDGE-TA1641A Datasheet
112Kb / 5P
   SAW Filter: 772.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1642A TAI-SAW-TA1642A Datasheet
146Kb / 6P
   SAW Filter 856 MHz
logo
Transko Electronics, In...
TA1643AM1 TRANSKO-TA1643AM1 Datasheet
397Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: October 2007
logo
TAI-SAW TECHNOLOGY CO.,...
TA1649A TAI-SAW-TA1649A Datasheet
258Kb / 7P
   SAW Filter 616.25 MHz
More results

Descripción similar - TA1640A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1162A TAI-SAW-TA1162A Datasheet
380Kb / 8P
   SAW Filter 2636.5 MHz
TA1162B TAI-SAW-TA1162B Datasheet
213Kb / 8P
   SAW Filter 2636.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com