Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1690B Datasheet(PDF) 10 Page - TAI-SAW TECHNOLOGY CO., LTD.

No. de pieza TA1690B
Descripción Electrónicos  SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Página de inicio  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1690B Datasheet(HTML) 10 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TA1690B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
10
TST DCC
Release document
H . RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.


Número de pieza similar - TA1690B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TA1690BM1 TRANSKO-TA1690BM1 Datasheet
359Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: January 2005
More results

Descripción similar - TA1690B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690D TAI-SAW-TA1690D Datasheet
431Kb / 11P
   SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1816B TAI-SAW-TA1816B Datasheet
428Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1411 (25MHz BW)
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1870DA TAI-SAW-TA1870DA Datasheet
507Kb / 8P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1811AA TAI-SAW-TA1811AA Datasheet
951Kb / 9P
   SAW Rx Filter 881.5 MHz LTE Band 5 SMD 1.1x0.9 mm (BW=25 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com