Nombre de pieza
         Descripción
S9016

 TO-92 Plastic-Encapsulate Transistors ( 1 Page)


ETC
100% 
Zoom Out Zoom In
   
 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
S9016 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.3
W (Tamb=25
℃)
Collector current
ICM:
0.025
A
Collector-base voltage
V(BR)CBO:
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= o.1mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 3V, IC=0
0.1
µA
DC current gain
hFE(1)
VCE=5V, IC= 1mA
28
270
Collector-emitter saturation voltage
VCE(sat)
IC= 10mA, IB= 1mA
0.3
V
Transition frequency
fT
VCE= 5V, IC= 1mA
f =100MHz
300
MHz
CLASSIFICATION OF
hFE(1)
Rank
D
E
F
G
H
I
J
Range
28-45
39-60
54-80
72-108
97-146
132-198
180-270
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
8550SSTO-92 Plastic-Encapsulate Transistors 1 2 3 List of Unclassifed Manufacturers
AV965TO-92 Plastic-Encapsulate Transistors 1 2 3 Avic Technology
AV9014TO-92 Plastic-Encapsulate Transistors 1 2 Avic Technology
A733TO-92 Plastic-Encapsulate Transistors 1 2 List of Unclassifed Manufacturers
AV1015TO-92 Plastic-Encapsulate Transistors 1 2 3 Avic Technology
S9012TO-92 Plastic-Encapsulate Transistors 1 2 List of Unclassifed Manufacturers
AV1815TO-92 Plastic-Encapsulate Transistors 1 2 3 Avic Technology
2SA562TO-92 Plastic-Encapsulate Transistors 1 2 List of Unclassifed Manufacturers
AV1959TO-92 Plastic-Encapsulate Transistors 1 2 3 Avic Technology
AV2001TO-92 Plastic-Encapsulate Transistors 1 2 3 Avic Technology

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl