Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STE40NK90ZD Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STE40NK90ZD
Descripción Electrónicos  N-CHANNEL 900V - 0.14 - 40 A ISOTOP Super FREDMeshTM MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE40NK90ZD Datasheet(HTML) 5 Page - STMicroelectronics

  STE40NK90ZD Datasheet HTML 1Page - STMicroelectronics STE40NK90ZD Datasheet HTML 2Page - STMicroelectronics STE40NK90ZD Datasheet HTML 3Page - STMicroelectronics STE40NK90ZD Datasheet HTML 4Page - STMicroelectronics STE40NK90ZD Datasheet HTML 5Page - STMicroelectronics STE40NK90ZD Datasheet HTML 6Page - STMicroelectronics STE40NK90ZD Datasheet HTML 7Page - STMicroelectronics STE40NK90ZD Datasheet HTML 8Page - STMicroelectronics STE40NK90ZD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STE40NK90ZD
Figure 9: Gate Charge vs Gate-source Voltage
Figure 10: Normalized Gate Thereshold Volt-
age vs Temperature
Figure 11: Source-Drain Diode Forward Char-
acteristics
Figure 12: Capacitance Variations
Figure 13: Normalized On Resistance vs Tem-
perature
Figure 14: Normalized BVdss vs Temperature


Número de pieza similar - STE40NK90ZD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
More results

Descripción similar - STE40NK90ZD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STE40NK90ZD STMICROELECTRONICS-STE40NK90ZD_06 Datasheet
308Kb / 13P
   N-channel 900V - 0.14廓 - 40A ISOTOP Super FREDmesh??MOSFET
STE26NA90 STMICROELECTRONICS-STE26NA90 Datasheet
92Kb / 8P
   N - CHANNEL 900V - 0.25ohm- 26A - ISOTOP FAST POWER MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
   N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
STE45NK80ZD STMICROELECTRONICS-STE45NK80ZD Datasheet
287Kb / 10P
   N-CHANNEL 800V - 0.11ohm - 45 A ISOTOP Super FREDMesh MOSFET
STE30NK90Z STMICROELECTRONICS-STE30NK90Z_06 Datasheet
300Kb / 13P
   N-channel 900V - 0.21廓 - 28A ISOTOP Zener-Protected SuperMESTM MOSFET
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com