Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA31142 Datasheet(PDF) 4 Page - Unisonic Technologies

No. de pieza TA31142
Descripción Electrónicos  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31142 Datasheet(HTML) 4 Page - Unisonic Technologies

  TA31142 Datasheet HTML 1Page - Unisonic Technologies TA31142 Datasheet HTML 2Page - Unisonic Technologies TA31142 Datasheet HTML 3Page - Unisonic Technologies TA31142 Datasheet HTML 4Page - Unisonic Technologies TA31142 Datasheet HTML 5Page - Unisonic Technologies TA31142 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UTCTA31142
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R103-015,A
FUNCTIONAL DESCRIPTION
The UTC TA31142 IF receiver IC incorporates a mixer, crystal-based local oscillator, IF amplifier, quadrature FM
demodulator, bit-rate filter, and 1–bit comparator and is capable of demodulating 2-level FSK input signals. In
addition, 1.0V regulator and 1.1V low battery alarm functions are provided.
POWER-DOWN FUNCTION
The entire receiver IC may be powered up and down through the control of the BS input (pin13). During power
down operation, the quiescent current consumption of the IC drops to approximately 0
µA. The high input impedance
of the BS pin allows for direct interfacing with the CMOS output of an off-chip micro controller.
CHARGE / DISCHARGE CIRCUITRY
The function of the charge / discharge circuitry is for both fast and slow charging / discharging of the capacitor
used for storing the voltage reference level of the FSKREF pin. The CHARGE input (pin14) should be enabled
(CHARGE=high=fast charge) immediately after transition of the receiver IC from power-down to normal operation in
order to reduce the charging / discharging time for coarse adjustment of the FSKREF voltage to the appropriate dc
level (i.e. dc level of LPFOUT pin) and consequently to minimize the erroneous output of the 1-bit comparator.
During actual data reception, the CHARGE pin should be set to low (CHARGE=low=slow charge) for fine adjustment
of the FSKREF voltage.
1-bit COMPARATOR
The integrated 1-bit comparator operates as a data slicer and “squares up” the bit-rate filtered output from the
quadrature demodulator. The decision threshold voltage level for the 1-bit comparator is stored on an external
capacitor connected to the FSKREF pin.
REGULATOR
The on-chip 1.0V regulator requires a suitable off-chip PNP transistor to achievc regulation. The external PNP
transistor should have an hFE>200 for VCE>=0.1V.
LOW BATTERY ALARM
The low battery alarm output, ALM, is normally low, but rises to 1.1V (=VCC) when the VCC voltage falls below
approximately 1.1V.


Número de pieza similar - TA31142

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
TA31142 MURATA1-TA31142 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
Toshiba Semiconductor
TA31142FNG TOSHIBA-TA31142FNG Datasheet
510Kb / 13P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
More results

Descripción similar - TA31142

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com