Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA6501 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza TDA6501
Descripción Electrónicos  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6501 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA6501 Datasheet HTML 1Page - NXP Semiconductors TDA6501 Datasheet HTML 2Page - NXP Semiconductors TDA6501 Datasheet HTML 3Page - NXP Semiconductors TDA6501 Datasheet HTML 4Page - NXP Semiconductors TDA6501 Datasheet HTML 5Page - NXP Semiconductors TDA6501 Datasheet HTML 6Page - NXP Semiconductors TDA6501 Datasheet HTML 7Page - NXP Semiconductors TDA6501 Datasheet HTML 8Page - NXP Semiconductors TDA6501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
TDA6500TT and TDA6501TT are programmable 2-mixer, 3-oscillator and synthesizer
MOPLLs intended for pure 3-band tuner concepts.
The device includes two double balanced mixers for the low and mid/high bands and three
oscillators for the low, mid and high bands, respectively. Other functions are an
IF amplifier, a wide-band AGC detector and a PLL synthesizer. Two pins are available
between the mixer output and the IF amplifier input to enable IF filtering for improved
signal handling.
The device can be controlled according to the I2C-bus format.
2.
Features
s Single-chip, 5 V mixer/oscillator and synthesizer for TV and VCR tuners
s I2C-bus protocol compatible with 3.3 V and 5 V microcontrollers:
x Address + 6 data bytes transmission
x Address + 1 status byte (I2C-bus read mode)
x Four independent I2C-bus addresses
s Two PMOS open-drain ports with 5 mA source capability to switch high band and FM
sound trap (P2 and P3)
s One PMOS open-drain port P1 with 20 mA source capability to switch the mid band
s One PMOS open-drain port P0 with 10 mA source capability to switch the low band
s Five step, 3-bit Analog-to-Digital Converter (ADC) and NPN open-collector general
purpose port P6 with 5 mA sinking capability
s NPN open-collector general purpose port P4 with 5 mA sinking capability
s Internal AGC flag
s In-lock flag
s 33 V tuning voltage output
s 15-bit programmable divider
s Programmable reference divider ratio: 64, 80 or 128
s Programmable charge pump current: 60
µA or 280 µA
s Varicap drive disable
s Balanced mixer with a common emitter input for the low band (single input)
s Balanced mixer with a common base input for the mid and high bands (balanced input)
s 2-pin asymmetrical oscillator for the low band
s 2-pin asymmetrical oscillator for the mid band
s 4-pin symmetrical oscillator for the high band
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC
standards
Rev. 02 — 14 June 2005
Product data sheet


Número de pieza similar - TDA6501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Descripción similar - TDA6501

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com