Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8315ACP-REEL Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD8315ACP-REEL
Descripción Electrónicos  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8315ACP-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD8315ACP-REEL Datasheet HTML 1Page - Analog Devices AD8315ACP-REEL Datasheet HTML 2Page - Analog Devices AD8315ACP-REEL Datasheet HTML 3Page - Analog Devices AD8315ACP-REEL Datasheet HTML 4Page - Analog Devices AD8315ACP-REEL Datasheet HTML 5Page - Analog Devices AD8315ACP-REEL Datasheet HTML 6Page - Analog Devices AD8315ACP-REEL Datasheet HTML 7Page - Analog Devices AD8315ACP-REEL Datasheet HTML 8Page - Analog Devices AD8315ACP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. B
–2–
AD8315–SPECIFICATIONS (V
S = 2.7 V, T = 25 C, 52.3
termination on RFIN, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1
To Meet All Specifications
0.1
2.5
GHz
Input Voltage Range
±1 dB Log Conformance, 0.1 GHz
–57
–11
dBV
Equivalent dBm Range
–44
+2
dBm
Logarithmic Slope
2
0.1 GHz
21.5
24
25.5
mV/dB
Logarithmic Intercept
2
0.1 GHz
–79
–70
–64
dBV
Equivalent dBm Level
–66
–57
–51
dBm
RF INPUT INTERFACE
Pin RFIN
Input Resistance
3
0.1 GHz
2.8
k
W
Input Capacitance
3
0.1 GHz
0.9
pF
OUTPUT
Pin VAPC
Minimum Output Voltage
VSET
£ 200 mV, ENBL High
0.25
0.27
0.3
V
ENBL Low
0.02
V
Maximum Output Voltage
RL
≥ 800 W
2.45
2.6
V
vs. Temperature
4
85
∞C, VPOS =3 V, IOUT =6 mA
2.54
V
General Limit
2.7 V
£ VPOS £ 5.5 V, RL = •
VPOS – 0.1
V
Output Current Drive
Source/Sink
5/200
mA/
mA
Output Buffer Noise
25
nV
÷Hz
Output Noise
RF Input = 2 GHz, 0 dBm, fNOISE = 100 kHz,
130
nV/
÷Hz
CFLT = 220 pF
Small Signal Bandwidth
0.2 V to 2.6 V Swing
30
MHz
Slew Rate
10%–90%, 1.2 V Step (VSET), Open Loop
5
13
V/
ms
Response Time
FLTR = Open, Refer to TPC 24
150
ns
SETPOINT INTERFACE
Pin VSET
Nominal Input Range
Corresponding to Central 50 dB
0.25
1.4
V
Logarithmic Scale Factor
43.5
dB/V
Input Resistance
100
k
W
Slew Rate
16
V/
ms
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power
1.8
VPOS
V
Input Current when Enable High
20
mA
Logic Level to Disable Power
0.8
V
Enable Time
Time from ENBL High to VAPC within 1% of
4
5
ms
Final Value, VSET
£ 200 mV, Refer to TPC 21
Disable Time
Time from ENBL Low to VAPC within 1% of
8
9
ms
Final Value, VSET
£ 200 mV, Refer to TPC 21
Power-On/Enable Time
Time from VPOS/ENBL High to VAPC within
2
3
ms
1% of Final Value, VSET
£ 200 mV, Refer to
TPC 26
Time from VPOS/ENBL Low to VAPC within
100
200
ns
1% of Final Value, VSET
£ 200 mV, Refer to
TPC 26
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
5.5
V
Quiescent Current
ENBL High
8.5
10.7
mA
Over Temperature
–30
∞C £ TA £ +85∞C12.9
mA
Disable Current
6
ENBL Low
4
10
mA
Over Temperature
–30
∞C £ TA £ +85∞C13
mA
NOTES
1Operation down to 0.02 GHz is possible.
2Mean and Standard Deviation specifications are available in Table I.
3See TPC 9 for plot of Input Impedance vs. Frequency.
4This parameter is guaranteed but not tested in production. Limit is –3 sigma from the mean.
5Response time in a closed-loop system will depend upon the filter capacitor (C
FLT) used and the response of the variable gain element.
6This parameter is guaranteed but not tested in production. Maximum specified limit on this parameter is the +6 sigma value.
Specifications subject to change without notice.


Número de pieza similar - AD8315ACP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8315ACP-REEL AD-AD8315ACP-REEL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACP-REEL7 AD-AD8315ACP-REEL7 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
More results

Descripción similar - AD8315ACP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com