Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1131A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
MC1131A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 70 page Advanced Brushless Motor Control Chipset MC1231A MC1131A Supports 3-phase as well as 2-phase brushless motors Performs trajectory generation, servo loop closure, and commutation Ultra-smooth sinusoidal commutation Open or closed loop operation Software and feature-compatible with other 1st generation PMD chipsets Available in 1 or 2 axis configurations 32-bit position, velocity, acceleration and jerk trajectory profile registers Choice of S-curve, trapezoidal, or contoured velocity profile modes Electronic Gearing Two travel-limit switches per axis Choice of PWM or DAC motor output signals Easy-to-use packet-oriented command protocol Features General Description The MC1231A is a dedicated motion processor which functions as a complete chip-based motor controller. Packaged in a 2-IC chipset, this device performs trajectory generation, servo loop closure, and sinusoidal commutation. The chipset inputs incremental encoder signals and outputs PWM or DAC-compatible motor command signals. The MC1231A is available in a one, or a two-axis configuration. The MC1231A is functionally similar to other members of PMD's 1st generation chipset family however it adds the ability to perform sinusoidal commutation of brushless motors. All of these devices provide sophisticated motion control capabilities allowing the creation of complex profile sequences with very low tracking errors. Both two and three-phase brushless motors are supported by the MC1231A. When used with two-phase brushless motors each phase is separated by 90 degrees. When used with 3-phase brushless motors each phase is separated by 120 degress. The commutation angle is continuously calculated using the encoder position. User-programmable commutation parameters allow a very wide range of encoders and motors to be controlled. The chipset is controlled by a host processor which interfaces with the chipset via an 8-bit, bi-directional port. Communications to/from the chipset consist of packet-oriented messages. The chipset is packaged in 2 68-pin PLCC packages. Both chips utilize CMOS technology and are powered by 5 volts. Doc. Rev. 10.05, Nov 1997 Commutation Waveforms Phase A Phase B Phase C Phase A Phase B 3-Phase Brushless 2-Phase Brushless Performance Motion Devices, Inc. 12 Waltham St. Lexington, MA 02421 tel: 781.674.9860 fax: 781.674.9861 www.pmdcorp.com |
Número de pieza similar - MC1131A |
|
Descripción similar - MC1131A |