Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40100RGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40100RGET
Descripción Electrónicos  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40100RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40100RGET Datasheet HTML 2Page - Texas Instruments TPS40100RGET Datasheet HTML 3Page - Texas Instruments TPS40100RGET Datasheet HTML 4Page - Texas Instruments TPS40100RGET Datasheet HTML 5Page - Texas Instruments TPS40100RGET Datasheet HTML 6Page - Texas Instruments TPS40100RGET Datasheet HTML 7Page - Texas Instruments TPS40100RGET Datasheet HTML 8Page - Texas Instruments TPS40100RGET Datasheet HTML 9Page - Texas Instruments TPS40100RGET Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.ti.com
APPLICATION INFORMATION
Introduction
Programming Operating Frequency
RT + *
3.98
104
fSW
2
) 5.14
104
fSW
* 8.6 (kW)
(1)
TPS40100
SLUS601–MAY 2005
The TPS40100 is a synchronous buck controller targeted at applications that require sequencing and output
voltage margining features. This controller uses a current feedback mechanism to make loop compensation
easier for loads that can have wide capacitance variations. Current sensing (for both current feedback and
overcurrent) is true differential and can be done using the inductor DC resistance (with a R-C filter) or with a
separate sense resistor in series with the inductor. The overcurrent level is programmable independently from
the amount of current feedback providing greater application flexibility. Likewise, the overcurrent function has
user programmable integration to eliminate nuisance tripping and allow the user to tailor the response to
application requirements. The controller provides an integrated method to margin the output voltage to ± 3% and
± 5% of its nominal value by simply grounding one of two pins directly or through a resistance. Powergood and
clock synchronization functions are provided on dedicated pins. Users can program operating frequency and the
closed loop soft-start time by means of a resistor and capacitor to ground respectively. Output se-
quencing/tracking can be accomplished in one of three ways: sequential (one output comes up, then a second
comes up), ratiometric (one or more outputs reach regulation at the same time – the voltages all follow a
constant ration while starting) and simultaneous (one or more outputs track together on startup and reach
regulation in order from lowest to highest).
Operating frequency is set by connecting a resistor to GND from the RT pin. The relationship is:
where
fSW is the switching frequency in kHz
RT is in kΩ
Figure 1 and Figure 2 show the relationship between the switching frequency and the RT resistor as described in
Equation 1. The scaling is different between them to allow the user a more accurate views at both high and low
frequency.
8


Número de pieza similar - TPS40100RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40100RGET TI1-TPS40100RGET Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGETG4 TI1-TPS40100RGETG4 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Descripción similar - TPS40100RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI1-TPS40100_16 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com