Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD131T10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza LD131T10
Descripción Electrónicos  1310nm Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

LD131T10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LD131T10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Quality assurance
Laser diodes (semiconductor lasers) have a much longer life than other lasers such as gas or solid-state lasers. The
components of our lasers have optimum characteristic ranges.
1.Quality assurance system
(1) After the wafers have been manufactured, electrical and optical characteristics are measured to verify that
characteristics can be achieved as the manufacturing process progresses.
(2) In-process inspections are conducted at various manufacturing points to ensure the stability of our assembly
operations.
(3) All products are burned-in to minimize initial and random failures.
(4) Characteristics of all products are tested before shipping.
(5) Products are managed by wafer lot.
(6) Reliability tests are performed on randomly selected samples.
2.Quality assurance measures
(1) Materials, manufacturing conditions, and inspection are controlled and maintained based on company set
standards. Temperature, dust, humidity and other environmental conditions are also controlled based on company
standards.
(2) Measurement instruments used during the manufacturing process are regularly inspected and calibrated based on
company measurement control standards.
Safety
The laser beam emitted from a laser diode is almost invisible to both the human eye and the animal eye, however, it
will injure the eye and sufficient caution must be exercised to avoid direct exposure or exposure through a fiber to the
beam when a laser diode is in operation.
To adjust the optical axis or perform other similar work, we recommend using an infrared-sensitive ITV camera.
We also recommend that protective glasses be worn.
Notes
1. No unauthorized transmission or reproduction of this specification, either in whole or in part, is permitted.
2. The contents of this book are subject to change without notice. Always verify before use that the contents are the
latest specifications. If, by any chance, a defect should arise in the equipment as a result of use without verification of
the specifications, CVC INTERNATIONAL LLC can bear no responsibility whatsoever.
3. Upon the sale of any such devices; other than for the buyer’s right to use such devices itself, resell or otherwise
dispose of the same; no express or implied right or license to practice or
commercially exploit any intellectual
property rights or other proprietary rights owned or controlled by CVC INTERNATIONAL LLC is granted to any such
buyer.
4. Notes when exporting: Please be sure to consult with our sales representatives to ascertain whether any product
is classified as a strategic material.
CVC INTERNATIONAL LLC


Número de pieza similar - LD131T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
LD13 AVX-LD13 Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13 AVX-LD13 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
LD13PC102KAB1A AVX-LD13PC102KAB1A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB3A AVX-LD13PC102KAB3A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB9A AVX-LD13PC102KAB9A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
More results

Descripción similar - LD131T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com