Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40051 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40051
Descripción Electrónicos  Based Design Converts 12-V Bus to 1.8 V at 15 A (SLUP195)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40051 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40051 Datasheet HTML 1Page - Texas Instruments TPS40051 Datasheet HTML 2Page - Texas Instruments TPS40051 Datasheet HTML 3Page - Texas Instruments TPS40051 Datasheet HTML 4Page - Texas Instruments TPS40051 Datasheet HTML 5Page - Texas Instruments TPS40051 Datasheet HTML 6Page - Texas Instruments TPS40051 Datasheet HTML 7Page - Texas Instruments TPS40051 Datasheet HTML 8Page - Texas Instruments TPS40051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SLUU161 – April, 2003
4
TPS40051-Based Design Converts 12-V Bus to 1.8 V at 15 A (SLUP195)
TPS40051-Based Design Converts 12-V Bus to
1.8 V at 15 A (SLUP195)
Mark Dennis
System Power
Contents
1
Introduction
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
Features
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Schematic
5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Component Selection
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Test Setup
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Test Results and Performance Data
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
EVM Assembly Drawing and PCB Layout
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
List of Materials
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
References
16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1
Introduction
In many modern electronic applications there is a growing demand for circuits to convert a12-V bus to digital
voltages as low as, but not limited to 1.8 V. The current requirements can range from below 1 A to over 15 A.
For high-efficiency and small circuit size the TPS40051 wide-input synchronous buck controller can be used
to provide the necessary control and drive functions to implement these converters. The TPS40051EVM–001
operates at 300 kHz and delivers 1.8 V at 15 A with efficiency over 90% for much of the load range, and a full
load efficiency of 88%.
The TPS40051 synchronous buck controller offers a variety of user programmable functions such as operating
frequency, soft-start time, voltage feed-forward, high-side current limit, and external loop compensation. This
controller also provides a regulated 10-V bias voltage which supplies onboard drivers for the N-channel switch
and synchronous rectifier MOSFETs, utilizing adaptive gate drive logic to prevent cross conduction of the power
MOSFETs.[1]
2
Features
The specification of this design is as follows:
D 92% peak efficiency at 6 A
D 88% peak efficiency at 15 A
D 1.8V output at 15 A
D VIN range from 10 VDC to 14 VDC
D Small circuit size 1.4” x 2.5” SMT design, components on single side
D Line/load regulation < 0.5%
D High-frequency 300-kHz operation
D Transient deviation 60 mV with 10-A load step


Número de pieza similar - TPS40051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40051 TI-TPS40051 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40051 TI1-TPS40051 Datasheet
426Kb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40051-Q1 TI-TPS40051-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40051-Q1 TI1-TPS40051-Q1 Datasheet
426Kb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40051PWP TI-TPS40051PWP Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
logo
STMicroelectronics
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
   48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Panasonic Semiconductor
MN102H85K PANASONIC-MN102H85K Datasheet
373Kb / 3P
   83 ns (at 3.0 V to 3.6 V, 12 MHz)
logo
STMicroelectronics
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
   5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
December 2016 Rev 1
logo
Vishay Siliconix
SI8405DB VISHAY-SI8405DB Datasheet
83Kb / 5P
   12-V P-Channel 1.8-V (G-S) MOSFET
Rev. C, 01-Jul-02
logo
NXP Semiconductors
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
   SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17