Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FLLD3320APXI1 Datasheet(PDF) 1 Page - Kemet Corporation

No. de pieza FLLD3320APXI1
Descripción Electrónicos  KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 320 A, 300x210x115mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLD3320APXI1 Datasheet(HTML) 1 Page - Kemet Corporation

  FLLD3320APXI1 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: FLLD3320APXI1
KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 320 A, 300x210x115mm
Dimensions
L
300mm NOM
W
210mm NOM
H
115mm NOM
L1
120mm NOM
W1
235mm NOM
W2
260mm NOM
U
60mm NOM
X
6mm NOM
Y
25mm NOM
Z
45mm NOM
I
15mm NOM
N
10.5mm NOM
M (Earth)
Threaded Studs M12
Lead
Threaded Studs M12
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1
Weight: 10 kg
General Information
Series: FLLD3-PV
Style: Chassis Mount
Description: EMI Filter, Chassis Mount,
Without Y Capacitor
Features: Three Phase, High Performance,
High Voltage
RoHS: Yes
Qualifications: IEC/EN 60939, UL 1283
Lead: Threaded Studs M12
Specifications
Voltage AC: 520 VAC
Rated Frequency: 50-60 Hz
Ripple Current: 320 A (50C)
Rated Temperature: 50C
Temperature Range: -40/+100C
Climate Category: 40/100/21
Test Voltage DC (P to P): 2250 VDC
Test Voltage DC (P to E): 3000 VDC
Voltage: 2250 VDC (Test P to P), 3000
VDC (Test P to E)
Power Loss: 15 W (25C 50 Hz)
Leakage Current: 5 mA (MAX)
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 9e150dfd-2eea-4e98-91c8-9ca228b5eb20


Número de pieza similar - FLLD3320APXI1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
FLLD3320AP-I1 KEMET-FLLD3320AP-I1 Datasheet
262Kb / 2P
   High current 3-phase EMC Filter
FLLD3320APVI1 KEMET-FLLD3320APVI1 Datasheet
250Kb / 2P
   High-current 3-phase EMC Filter
FLLD3320APVI1 KEMET-FLLD3320APVI1 Datasheet
262Kb / 2P
   High current 3-phase EMC Filter
More results

Descripción similar - FLLD3320APXI1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
FLLD3400APXI1 KEMET-FLLD3400APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 400 A, 300x210x115mm
FLLD3800APXI1 KEMET-FLLD3800APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 800 A, 350x230x170mm
FLLD3250APXI1 KEMET-FLLD3250APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 250 A, 300x180x125mm
FLLD3600APXI1 KEMET-FLLD3600APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 600 A, 300x210x135mm
FLLD32K5APXI1 KEMET-FLLD32K5APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 2.5 kA, 450x300x220mm
FLLD31K0APXI1 KEMET-FLLD31K0APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 1 kA, 350x230x170mm
FLLD31K6APXI1 KEMET-FLLD31K6APXI1 Datasheet
74Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 1.6 kA, 400x250x160mm
FLLD4064ATHT5 KEMET-FLLD4064ATHT5 Datasheet
95Kb / 1P
   KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 64 A, 160x125x125mm
FLLD4160ATHT7 KEMET-FLLD4160ATHT7 Datasheet
95Kb / 1P
   KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 160 A, 280x140x170mm
FLLD4200ATHT7 KEMET-FLLD4200ATHT7 Datasheet
95Kb / 1P
   KEMET, FLLD4-TH, EMI/RFI Filters, Noise Suppression, 520 VAC, 200 A, 280x140x170mm
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com