Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA-0496 Datasheet(PDF) 1 Page - TDK Electronics

No. de pieza CXA-0496
Descripción Electrónicos  Dimming/Connector Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0496 Datasheet(HTML) 1 Page - TDK Electronics

  CXA-0496 Datasheet HTML 1Page - TDK Electronics CXA-0496 Datasheet HTML 2Page - TDK Electronics CXA-0496 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C-106
・All specifications are subject to change without notice.
■ Features
●2 outputs
●Usable in a wide range of temperatures
●UL60950-1 acquisition product
●Applicable panel size*: 8 to 10 inches
●With brightness control function (Pulse Width Modulation Dimming).
●With shut down function.
●With a sensing function for running out of lamp (alarm output).
●In the high-voltage generator (a terminal and a pattern), an anti-dust
measure by silicone application is taken.
(Notice) Applicable panel size becomes a standard.
CXA-0496
CXA-0496 Specifications (Please refer to each specification before use)
■ Applications
F A
MED
MEASURE
Dimming
Function
Yes
Operating
Temperature
-30 to +80
Storage
Temperature
-30 to +85
Operating
Humidity Ratio
RH%
95max.
Safety
Standard
UL60950-1
Weight
g
22typ.
Dimensions
(WxDxH)
mm
110x22x8.5 (*3)
Fused Input
Yes
Remote ON / OFF
Yes
Alarm Signal
Function
Yes
Shutdown
Function
Yes
Silicone
Coating on High
Voltage Area
Yes
Item
Unit
Symbol
Specification
Condition
min
typ
max
Vin(V) Vrmt(V) Vbr(V) Rbr(kΩ) Ta(℃)
RL1,2(kΩ) CL1,2(PF)(*3)
Remarks
Output Current
mArms
lout 1, 2
(Maximum
dimmer)
5.3
6.0
6.7
12±1.2
50
-
-30 to +80
72
3
Voltage
dimmer (*1)
5.3
6.0
6.7
12±1.2
5-0
-30 to +80
72
3
Volume
dimmer (*1)
lout 1, 2
(Minimum
dimmer)
3.6
4.3
5.0
12±1.2
52.5
-
-30 to +80
72
3
Voltage
dimmer (*1)
3.6
4.3
5.0
12±1.2
5-
50
-30 to +80
72
3
Volume
dimmer (*1)
Input Current
mA
Iin1
-
600
1300
12±1.2
50
-
-30 to +80
72
3
Remote ON
mA
Iin2
-
-
1
12±1.2
00
-
-30 to +80
72
3
Remote OFF
Oscillatory
Frequency
kHz
Freq1
45
50
55
12±1.2
50
-
-30 to +80
72
3
Hz
Freq2 (Duty frequency)
225
250
275
12±1.2
52.5
-
-30 to +80
72
3
Open Circuit
Voltage
Vrms
Vopen1,2
1400
1550
-
12±1.2
50
-
-30 to +80
∞/∞
∞/∞
Open load
Alarm Signal
V
Vst
4.5
5.1
5.5
12±1.2
50
-
-30 to +80 ∞/72
∞/3
In case of
lamp anomaly
(*2)
4.5
5.1
5.5
12±1.2
50
-
-30 to +80 72/∞
3/∞
In case of
lamp anomaly
(*2)
-0
0.5
12±1.2
50
-
-30 to +80
72
3
On a normal
operation (*2)
Electrical Characteristics
Other Specifications
(*1) Please refer to the connection diagram for details of a dimming method.
(*2) Please refer to the connection diagram for details of alarm output.
(*3) As equivalent circuit of panel load, connect resistance load (RL) and distributed capacity (CL), and have provided by an electrical characteristic.
(*3) These dimensions are indicated the maximum only H. Others are typical values.
Dimming/ConnectorType
This means that, in conformity with EU Directive
2002/95/EC, lead, cadmium, mercury, hexavalent
chromium, and specific bromine-based flame
retardants, PBB and PBDE, have not been used,
except for exempted applications.
■ Conformity to RoHs Directive


Número de pieza similar - CXA-0496

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CXA-0406 TDK-CXA-0406 Datasheet
234Kb / 3P
   Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
   Dimming/Connector Type
logo
Power Systems GmbH+Co.K...
CXA-0437 POWER-SYSTEMS-CXA-0437 Datasheet
111Kb / 2P
   DC-AC INVERTER UNIT 10 W DUAL OUTPUTS
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
   Dimming/Connector Type
logo
Power Systems GmbH+Co.K...
CXA-0454 POWER-SYSTEMS-CXA-0454 Datasheet
148Kb / 2P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS
More results

Descripción similar - CXA-0496

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
   Dimming/Connector Type
CXA-0474 TDK-CXA-0474 Datasheet
236Kb / 4P
   Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
   Dimming/Connector Type
CXA-0326 TDK-CXA-0326 Datasheet
225Kb / 3P
   Dimming/Connector Type
CXA-0406 TDK-CXA-0406 Datasheet
234Kb / 3P
   Dimming/Connector Type
CXA-P1612-VJL TDK-CXA-P1612-VJL Datasheet
321Kb / 3P
   Dimming/Connector Type
CXA-0538 TDK-CXA-0538 Datasheet
360Kb / 4P
   Dimming/Connector Type
CXA-0320 TDK-CXA-0320 Datasheet
247Kb / 3P
   Dimming/Connector Type
CXA-0359 TDK-CXA-0359 Datasheet
256Kb / 3P
   Dimming/Connector Type
CXA-0462 TDK-CXA-0462 Datasheet
308Kb / 4P
   Dimming/Connector Type
CXA-0463 TDK-CXA-0463 Datasheet
244Kb / 4P
   Dimming/Connector Type
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com